Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH30L06PI Datasheet(PDF) 9 Page - STMicroelectronics

Part # STTH30L06PI
Description  Turbo 2 ultrafast high voltage rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH30L06PI Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STTH30L06PI Datasheet HTML 2Page - STMicroelectronics STTH30L06PI Datasheet HTML 3Page - STMicroelectronics STTH30L06PI Datasheet HTML 4Page - STMicroelectronics STTH30L06PI Datasheet HTML 5Page - STMicroelectronics STTH30L06PI Datasheet HTML 6Page - STMicroelectronics STTH30L06PI Datasheet HTML 7Page - STMicroelectronics STTH30L06PI Datasheet HTML 8Page - STMicroelectronics STTH30L06PI Datasheet HTML 9Page - STMicroelectronics STTH30L06PI Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
STTH30L06
Ordering information
9/10
3
Ordering information
4
Revision history
Ordering type
Marking
Package
Weight
Base qty
Delivery mode
STTH30L06D
STTH30L06D
TO-220AC
1.90 g
50
Tube
STTH30L06G
STTH30L06G
D2PAK
1.48 g
50
Tube
STTH30L06G-TR
STTH30L06G
D2PAK
1.48 g
1000
Tape & reel
STTH30L06W
STTH30L06W
DO-247
4.40 g
30
Tube
STTH30L06PI
STTH30L06PI
DOP3I
4.46 g
30
Tube
Date
Revision
Changes
07-Sep-2004
1
First issue.
21-Oct-2004
2
DOP3I package added.
11-Jan-06
3
On page 2:
–IF(RMS) corrected from 30 A to 50 A
–IF(AV) corrected from 50 A to 30 A
10-Aug-2006
4
Reformatted to current standards. SOD-93 packaage removed.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com