Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYD72D Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BYD72D
Description  Ultra fast low-loss controlled avalanche rectifiers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYD72D Datasheet(HTML) 2 Page - NXP Semiconductors

  BYD72D Datasheet HTML 1Page - NXP Semiconductors BYD72D Datasheet HTML 2Page - NXP Semiconductors BYD72D Datasheet HTML 3Page - NXP Semiconductors BYD72D Datasheet HTML 4Page - NXP Semiconductors BYD72D Datasheet HTML 5Page - NXP Semiconductors BYD72D Datasheet HTML 6Page - NXP Semiconductors BYD72D Datasheet HTML 7Page - NXP Semiconductors BYD72D Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1998 Dec 03
2
Philips Semiconductors
Preliminary specification
Ultra fast low-loss
controlled avalanche rectifiers
BYD72 series
FEATURES
• Glass passivated
• High maximum operating
temperature
• Low leakage current
• Excellent stability
• Guaranteed avalanche energy
absorption capability
• Available in ammo-pack.
DESCRIPTION
Cavity free cylindrical glass SOD120
package through Implotec
™(1)
technology. This package is
hermetically sealed and fatigue free
as coefficients of expansion of all
used parts are matched.
(1) Implotec is a trademark of Philips.
Fig.1 Simplified outline (SOD120) and symbol.
handbook, halfpage
ka
MGL571
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VRRM
repetitive peak reverse voltage
BYD72A
−
50
V
BYD72B
−
100
V
BYD72C
−
150
V
BYD72D
−
200
V
BYD72E
−
250
V
BYD72F
−
300
V
BYD72G
−
400
V
VR
continuous reverse voltage
BYD72A
−
50
V
BYD72B
−
100
V
BYD72C
−
150
V
BYD72D
−
200
V
BYD72E
−
250
V
BYD72F
−
300
V
BYD72G
−
400
V
IF(AV)
average forward current
Tamb =25 °C; printed-circuit board
mounting, pitch 5 mm, see Fig.8;
averaged over any 20 ms period;
see Figs 2 and 3
BYD72A to D
−
1.02
A
BYD72E to G
−
0.95
A
IFSM
non-repetitive peak forward current
t = 10 ms half sine wave;
Tj =25 °C; VR =VRRMmax
−
15
A
Tstg
storage temperature
−65
+175
°C
Tj
junction temperature
see Fig.7
−65
+175
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com