Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8973LGEFL/RV Datasheet(PDF) 21 Page - Wolfson Microelectronics plc

Part # WM8973LGEFL/RV
Description  Stereo CODEC for Portable Audio Applications
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8973LGEFL/RV Datasheet(HTML) 21 Page - Wolfson Microelectronics plc

Back Button WM8973LGEFL/RV Datasheet HTML 17Page - Wolfson Microelectronics plc WM8973LGEFL/RV Datasheet HTML 18Page - Wolfson Microelectronics plc WM8973LGEFL/RV Datasheet HTML 19Page - Wolfson Microelectronics plc WM8973LGEFL/RV Datasheet HTML 20Page - Wolfson Microelectronics plc WM8973LGEFL/RV Datasheet HTML 21Page - Wolfson Microelectronics plc WM8973LGEFL/RV Datasheet HTML 22Page - Wolfson Microelectronics plc WM8973LGEFL/RV Datasheet HTML 23Page - Wolfson Microelectronics plc WM8973LGEFL/RV Datasheet HTML 24Page - Wolfson Microelectronics plc WM8973LGEFL/RV Datasheet HTML 25Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 61 page
background image
Production Data
WM8973L
w
PD Rev 4.2 September 2005
21
PGA CONTROL
The PGA matches the input signal level to the ADC input range. The PGA gain is logarithmically
adjustable from +30dB to –17.25dB in 0.75dB steps. Each PGA can be controlled either by the user
or by the ALC function (see Automatic Level Control). When ALC is enabled for one or both
channels, then writing to the corresponding PGA control register has no effect.
The gain is independently adjustable on both Right and Left Line Inputs. Additionally, by controlling
the register bits LIVU and RIVU, the left and right gain settings can be simultaneously updated.
Setting the LZCEN and RZCEN bits enables a zero-cross detector which ensures that PGA gain
changes only occur when the signal is at zero, eliminating any zipper noise. If zero cross is enabled
a timeout is also available to update the gain if a zero cross does not occur. This function may be
enabled by setting TOEN in register R23 (17h).
The inputs can also be muted in the analogue domain under software control. The software control
registers are shown in Table 9. If zero crossing is enabled, it is necessary to enable zero cross
timeout to un-mute the input PGAs. This is because their outputs will not cross zero when muted.
Alternatively, zero cross can be disabled before sending the un-mute command.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
8
LIVU
0
Left Volume Update
0 = Store LINVOL in intermediate
latch (no gain change)
1 = Update left and right channel
gains (left = LINVOL, right =
intermediate latch)
7
LINMUTE
1
Left Channel Input Analogue Mute
1 = Enable Mute
0 = Disable Mute
Note: LIVU must be set to un-mute.
6
LZCEN
0
Left Channel Zero Cross Detector
1 = Change gain on zero cross only
0 = Change gain immediately
R0 (00h)
Left Channel
PGA
5:0
LINVOL
[5:0]
010111
( 0dB )
Left Channel Input Volume Control
111111 = +30dB
111110 = +29.25dB
. . 0.75dB steps down to
000000 = -17.25dB
8
RIVU
0
Right Volume Update
0 = Store RINVOL in intermediate
latch (no gain change)
1 = Update left and right channel
gains (right = RINVOL, left =
intermediate latch)
7
RINMUTE
1
Right Channel Input Analogue Mute
1 = Enable Mute
0 = Disable Mute
Note: RIVU must be set to un-mute.
6
RZCEN
0
Right Channel Zero Cross Detector
1 = Change gain on zero cross only
0 = Change gain immediately
R1 (01h)
Right Channel
PGA
5:0
RINVOL
[5:0]
010111
( 0dB )
Right Channel Input Volume Control
111111 = +30dB
111110 = +29.25dB
. . 0.75dB steps down to
000000 = -17.25dB
R23 (17h)
Additional
Control (1)
0
TOEN
0
Timeout Enable
0 : Timeout Disabled
1 : Timeout Enabled
Table 9 Input PGA Software Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com