Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A1302 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # A1302
Description  Continuous-Time Ratiometric Linear Hall Effect Sensors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1302 Datasheet(HTML) 3 Page - Allegro MicroSystems

  A1302 Datasheet HTML 1Page - Allegro MicroSystems A1302 Datasheet HTML 2Page - Allegro MicroSystems A1302 Datasheet HTML 3Page - Allegro MicroSystems A1302 Datasheet HTML 4Page - Allegro MicroSystems A1302 Datasheet HTML 5Page - Allegro MicroSystems A1302 Datasheet HTML 6Page - Allegro MicroSystems A1302 Datasheet HTML 7Page - Allegro MicroSystems A1302 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Continuous-Time Ratiometric
Linear Hall Effect Sensors
A1301 and
A1302
3
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
DEVICE CHARACTERISTICS over operating temperature range, TA, and VCC = 5 V, unless otherwise noted
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Electrical Characteristics
Supply Voltage
VCC
Running, TJ < 165°C
4.5
–
6
V
Supply Current
ICC
Output open
–
–
11
mA
Output Voltage
VOUT(High) ISOURCE = –1 mA, Sens = nominal
4.65
4.7
–
V
VOUT(Low)
ISINK = 1 mA, Sens = nominal
–
0.2
0.25
V
Output Bandwidth
BW
–
20
–
kHz
Power-On Time
tPO
VCC(min) to 0.95 VOUT; B = ±1400 G;
Slew rate = 4.5 V/μs to 4.5 V/100 ns
–35
μs
Output Resistance
ROUT
ISINK ≤ 1 mA, ISOURCE ≥ –1 mA
–
2
5
Ω
Wide Band Output Noise, rms
VOUTN
External output low pass filter ≤ 10 kHz;
Sens = nominal
–
150
–
μV
Ratiometry
Quiescent Output Voltage Error
with respect to ΔVCC1
ΔVOUTQ(V) TA = 25°C
–
–
±3.0
%
Magnetic Sensitivity Error with
respect to ΔVCC2
ΔSens(V)
TA = 25°C
–
–
±3.0
%
Output
Linearity
Lin
TA = 25°C
–
–
±2.5
%
Symmetry
Sym
TA = 25°C
–
–
±3.0
%
Magnetic Characteristics
Quiescent Output Voltage
VOUTQ
B = 0 G; TA = 25°C
2.4
2.5
2.6
V
Quiescent Output Voltage over
Operating Temperature Range
VOUTQ(ΔT
A)
B = 0 G
2.2
–
2.8
V
Magnetic Sensitivity
Sens
A1301; TA = 25°C
2.0
2.5
3.0
mV/G
A1302; TA = 25°C
1.0
1.3
1.6
mV/G
Magnetic Sensitivity over
Operating Temperature Range
Sens(ΔT
A)
A1301
1.8
–
3.2
mV/G
A1302
0.85
–
1.75
mV/G
1Refer to equation (4) in Ratiometric section on page 4.
2Refer to equation (5) in Ratiometric section on page 4.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com