Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A1321 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # A1321
Description  Ratiometric Linear Hall Effect Sensor for High-Temperature Operation
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1321 Datasheet(HTML) 2 Page - Allegro MicroSystems

  A1321 Datasheet HTML 1Page - Allegro MicroSystems A1321 Datasheet HTML 2Page - Allegro MicroSystems A1321 Datasheet HTML 3Page - Allegro MicroSystems A1321 Datasheet HTML 4Page - Allegro MicroSystems A1321 Datasheet HTML 5Page - Allegro MicroSystems A1321 Datasheet HTML 6Page - Allegro MicroSystems A1321 Datasheet HTML 7Page - Allegro MicroSystems A1321 Datasheet HTML 8Page - Allegro MicroSystems A1321 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
recoverability after temperature cycling. Having the Hall element
and an amplifier on a single chip minimizes many problems normally
associated with low-level analog signals.
Outputprecisionisobtainedbyinternalgainandoffsettrimadjustments
made at end-of-line during the manufacturing process.
The A132X family is provided in a 3-pin single in-line package
(UA) and a 3-pin surface mount package (LH). Each package is
available in a lead (Pb) free version (suffix, –T) , with a 100% matte
tin plated leadframe.
Description (continued)
Ratiometric Linear Hall Effect Sensor
for High-Temperature Operation
A1321, A1322,
and
A1323
2
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
Selection Guide
Part Number
Pb-free1
Packing2
Mounting
Ambient, TA
(ºC)
Sensitivity,
Typ. (mV/G)
A1321ELHLT-T
Yes
7-in. reel, 3000 pieces/reel
Surface Mount
–40 to 85
5.000
A1321EUA-T
Yes
Bulk, 500 pieces/bag
SIP through hole
A1321LLHLT-T
Yes
7-in. reel, 3000 pieces/reel
Surface Mount
–40 to 150
A1321LUA-T
Yes
Bulk, 500 pieces/bag
SIP through hole
A1322ELHLT-T
Yes
7-in. reel, 3000 pieces/reel
Surface Mount
–40 to 85
3.125
A1322EUA-T
Yes
Bulk, 500 pieces/bag
SIP through hole
A1322LLHLT-T
Yes
7-in. reel, 3000 pieces/reel
Surface Mount
–40 to 150
A1322LUA-T
Yes
Bulk, 500 pieces/bag
SIP through hole
A1323ELHLT-T
Yes
7-in. reel, 3000 pieces/reel
Surface Mount
–40 to 85
2.500
A1323EUA-T
Yes
Bulk, 500 pieces/bag
SIP through hole
A1323LLHLT-T
Yes
7-in. reel, 3000 pieces/reel
Surface Mount
–40 to 150
A1323LUA-T
Yes
Bulk, 500 pieces/bag
SIP through hole
1Pb-based variants are being phased out of the product line.
a. Certain variants cited in this footnote are in production but have been determined to be LAST TIME BUY. This classification indicates that sale of this device is
currently restricted to existing customer applications. The device should not be purchased for new design applications because obsolescence in the near future is
probable. Samples are no longer available. Status change: October 31, 2006. Deadlilne for receipt of LAST TIME BUY ORDERS: April 27, 2007. These variants
include: A1322ELHLT, A1322EUA, and A1323LLHLT.
b. Certain variants cited in this footnote are in production but have been determined to be NOT FOR NEW DESIGN. This classification indicates that sale of this
device is currently restricted to existing customer applications. The device should not be purchased for new design applications because obsolescence in the near
future is probable. Samples are no longer available. Status change: May 1, 2006. These variants include: A1321ELHLT, A1321EUA, A1321LLHLT, A1321LUA,
A1322LLHLT, A1322LUA, A1323ELHLT, A1323EUA, and A1323LUA.
2Contact Allegro for additional packing options.
Absolute Maximum Ratings
Characteristic
Symbol
Notes
Rating
Units
Supply Voltage
VCC
*Additional current draw may be observed at
voltages above the minimum supply Zener
clamp voltage, VZ(min), due to the Zener diode
turning on.
8V
Output Voltage
VOUT
8V
Reverse Supply Voltage
VRCC
–0.1
V
Reverse Supply Voltage
VRCC
–0.1
V
Output Sink Current
IOUT
10
mA
Operating Ambient Temperature
TA
Range E
–40 to 85
ºC
Range L
–40 to 150
ºC
Maximum Junction Temperature
TJ(max)
165
ºC
Storage Temperature
Tstg
–65 to 170
ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com