Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8974 Datasheet(PDF) 13 Page - Wolfson Microelectronics plc

Part # WM8974
Description  Mono CODEC with Speaker Driver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8974 Datasheet(HTML) 13 Page - Wolfson Microelectronics plc

Back Button WM8974_07 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8974_07 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8974_07 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8974_07 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8974_07 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8974_07 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8974_07 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8974_07 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8974_07 Datasheet HTML 17Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 87 page
background image
Production Data
WM8974
w
PD Rev 4.2 March 2007
13
DEVICE DESCRIPTION
INTRODUCTION
The WM8974 is a low power audio codec combining a high quality mono audio DAC and ADC, with
flexible line and microphone input and output processing. Applications for this device include digital
still cameras with mono audio, record and playback capability, voice recorders, wireless VoIP
headsets and games console accessories.
FEATURES
The chip offers great flexibility in use, and so can support many different modes of operation as
follows:
MICROPHONE INPUTS
Two microphone inputs are provided, allowing for either a differential microphone input or a single
ended microphone to be connected. These inputs have a user programmable gain range of -12dB
to +35.25dB using internal resistors. After the input PGA stage comes a boost stage which can add
a further 20dB of gain. A microphone bias is output from the chip which can be used to bias the
microphones. The signal routing can be configured to allow manual adjustment of mic levels, or to
allow the ALC loop to control the level of mic signal that is transmitted.
Total gain through the microphone paths of up to +55.25dB can be selected.
PGA AND ALC OPERATION
A programmable gain amplifier is provided in the input path to the ADC. This may be used manually
or in conjunction with a mixed analogue/digital automatic level control (ALC) which keeps the
recording volume constant.
AUX INPUT
The device includes a mono input, AUX, that can be used as an input for warning tones (beep) etc.
The output from this circuit can be summed into the mono output and/or the speaker output paths,
so allowing for mixing of audio with ‘backing music’ etc as required. This path can also be summed
into the input in a flexible fashion, either to the input PGA as a second microphone input or as a line
input. The configuration of this circuit, with integrated on-chip resistors allows several analogue
signals to be summed into the single AUX input if required.
ADC
The mono ADC uses a multi-bit high-order oversampling architecture to deliver optimum
performance with low power consumption. Various sample rates are supported, from the 8ks/s rate
typically used in voice dictation, up to the 48ks/s rate used in high quality audio applications.
HI-FI DAC
The hi-fi DAC provides high quality audio playback suitable for all portable mono audio type
applications.
DIGITAL FILTERING
Advanced Sigma Delta Converters are used along with digital decimation and interpolation filters to
give high quality audio at sample rates from 8ks/s to 48ks/s.
Application specific digital filters are also available which help to reduce the effect of specific noise
sources such as ‘wind noise’.
The filters include a programmable ADC high pass filter, a
programmable ADC notch filter and a 5-band equaliser that can be applied to either the ADC or the
DAC path in order to improve the overall audio sound from the device.
OUTPUT MIXING AND VOLUME ADJUST
Flexible mixing is provided on the outputs of the device; a mixer is provided for the speaker outputs,
and an additional mono summer for the mono output. These mixers allow the output of the DAC, the
output of the ADC volume control and the Auxilliary input to be combined. The output volume can
be adjusted using the integrated digital volume control and there is additional analogue gain
adjustment capability on the speaker output.
AUDIO INTERFACES
The WM8974 has a standard audio interface, to support the transmission of audio data to and from
the chip. This interface is a 4 wire standard audio interface which supports a number of audio data
formats including I2S, DSP Mode, MSB-First, left justified and MSB-First, right justified, and can
operate in master or slave modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com