Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A1373EKB Datasheet(PDF) 13 Page - Allegro MicroSystems

Part # A1373EKB
Description  High Precision, Output Pin Programmable Linear Hall Effect Sensors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1373EKB Datasheet(HTML) 13 Page - Allegro MicroSystems

Back Button A1373EKB Datasheet HTML 9Page - Allegro MicroSystems A1373EKB Datasheet HTML 10Page - Allegro MicroSystems A1373EKB Datasheet HTML 11Page - Allegro MicroSystems A1373EKB Datasheet HTML 12Page - Allegro MicroSystems A1373EKB Datasheet HTML 13Page - Allegro MicroSystems A1373EKB Datasheet HTML 14Page - Allegro MicroSystems A1373EKB Datasheet HTML 15Page - Allegro MicroSystems A1373EKB Datasheet HTML 16Page - Allegro MicroSystems A1373EKB Datasheet HTML 17Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
High Precision, Output Pin Programmable
Linear Hall Effect Sensors
A1373 and
A1374
13
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
Linear: A type of Hall-Effect sensor that produces an analog output voltage proportional to the strength of a sensed magnetic field.
Ratiometric: A linear Hall-Effect sensor that, when not subjected to a significant magnetic field, has an output that is a ratio of its supply voltage.
A ratiometric performance of 100% indicates the output follows the supply with no percentage error.
Gauss: Standard unit of measuring magnetic flux density. 1 gauss is equal to 1 Maxwell per square centimeter or 10-4 tesla. (For reference, the
earth’s magnetic field is approximately 0.5 gauss.)
Blowing: Applying a pulse of sufficient voltage and duration to permanently set a bit, by blowing a fuse internal to the device. Once a bit (fuse)
has been blown, it cannot be reset. The terms trimming and programming can be used interchangeably with blowing in this context.
Programming modes
: Testing the results is the only valid method to guarantee successful programming, and multiple modes are provided to
support this. The programming modes are described in the section Mode Selection State.
Code: The number used to identify the register and the bitfield to be programmed, expressed as the decimal equivalent of the binary value. The LSB
of a register is denoted as bit 0.
Definitions of Terms
Typical Application Drawing
2
VCC
VREG
Sensor Output
GND
VOUT
CBYPASS
0.1 μF
CLOAD
1nF
RLOAD
4.7 k
Ω
A1373
A1374
1
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com