Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8985 Datasheet(PDF) 39 Page - Wolfson Microelectronics plc

Part # WM8985
Description  Multimedia CODEC With Class D Headphone and Line Out
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8985 Datasheet(HTML) 39 Page - Wolfson Microelectronics plc

Back Button WM8985_07 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8985_07 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8985_07 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8985_07 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8985_07 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8985_07 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8985_07 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8985_07 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8985_07 Datasheet HTML 43Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 118 page
background image
Pre-Production
WM8985
w
PP, Rev 3.5, January 2007
39
The polarity of the output signal can also be changed under software control using the
ADCLPOL/ADCRPOL register bit.
The oversampling rate of the ADC can be adjusted using the
ADCOSR128 register bit. With ADCOSR=0 the oversample rate is 64x which gives lowest power
operation and when ADCOSR=1 the oversample rate is 128x which gives best performance.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0
ADCLPOL
0
ADC left channel polarity adjust:
0 = normal
1 = inverted
1
ADCRPOL
0
ADC right channel polarity adjust:
0 = normal
1 = inverted
R14 (0Eh)
ADC Control
3
ADCOSR128
0
ADC oversample rate select:
0 = 64x (lower power)
1 = 128x (best performance)
Table 14 ADC Control
SELECTABLE HIGH PASS FILTER
A selectable high pass filter is provided and enabled as default. To disable this filter set HPFEN=0.
The filter has two modes controlled by HPFAPP. In Audio Mode (HPFAPP=0) the filter is first order,
with a cut-off frequency of 3.7Hz. In Application Mode (HPFAPP=1) the filter is second order, with a
cut-off frequency selectable via the HPFCUT register. The cut-off frequencies when HPFAPP=1 are
shown in Table 16.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
6:4
HPFCUT
000
Application mode cut-off frequency
See Table 16 for details.
7
HPFAPP
0
Select audio mode or application mode
0 = Audio mode (1st order, fc = ~3.7Hz)
1 = Application mode (2
nd order, fc =
HPFCUT)
R14 (0Eh)
ADC Control
8
HPFEN
1
High Pass Filter Enable
0 = disabled
1 = enabled
Table 15 ADC Enable Control
SR=101/100
SR=011/010
SR=001/000
fs (kHz)
HPFCUT
[2:0]
8
11.025
12
16
22.05
24
32
44.1
48
000
82
113
122
82
113
122
82
113
122
001
102
141
153
102
141
153
102
141
153
010
131
180
156
131
180
156
131
180
156
011
163
225
245
163
225
245
163
225
245
100
204
281
306
204
281
306
204
281
306
101
261
360
392
261
360
392
261
360
392
110
327
450
490
327
450
490
327
450
490
111
408
563
612
408
563
612
408
563
612
Table 16 High Pass Filter Cut-off Frequencies (HPFAPP=1)
Note that the High Pass filter values (when HPFAPP=1) are calculated on the assumption that the
SR register bits are set correctly for the actual sample rate as shown in Table 16. Sampling rate
(SR) is enabled by register bits R7[1:3].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com