Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8985GEFL/R Datasheet(PDF) 10 Page - Wolfson Microelectronics plc

Part # WM8985GEFL/R
Description  Multimedia CODEC With Class D Headphone and Line Out
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8985GEFL/R Datasheet(HTML) 10 Page - Wolfson Microelectronics plc

Back Button WM8985GEFL/R Datasheet HTML 6Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 7Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 8Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 9Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 10Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 11Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 12Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 13Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 14Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 118 page
background image
WM8985
Pre-Production
w
PP, Rev 3.5, March 2007
10
Test Conditions
DCVDD=1.8V, AVDD1=AVDD2=DBVDD=3.3V, TA = +25
oC, 1kHz signal, fs = 48kHz, 24-bit audio data unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
L2_2BOOSTVOL, R2_2BOOSTVOL, ADCLVOL and ADCRVOL = 0dB
A-weighted
AVDD1=AVDD2=3.3V
85
92.5
dB
A-weighted
AVDD1=AVDD2=2.5V
92.5
dB
22Hz to 20kHz
AVDD1=AVDD2=3.3V
90
dB
Signal to Noise Ratio 3
SNR
22Hz to 20kHz
AVDD1=AVDD2=2.5V
90
dB
-1dBV Input
AVDD1=AVDD2=3.3V
-83
-78
dB
Total Harmonic Distortion 4
THD
-1dBV Input
AVDD1=AVDD2=2.5V
-66
dB
-1dBV Input
AVDD1=AVDD2=3.3V
-81
-70
dB
Total Harmonic Distortion + Noise 5
THD+N
-1dBV Input
AVDD1=AVDD2=2.5V
-65
dB
Channel Separation 6
1kHz input signal
100
dB
DAC to left and right mixers into 10k
Ω / 50pF load on LOUT1 and ROUT1
LOUT1VOL, ROUT1VOL, DACLVOL and DACRVOL = 0dB
Full-scale output 1
LOUT1VOL and
ROUTVOL = 0dB
AVDD1/3.3
Vrms
A-weighted
AVDD1=AVDD2=3.3V
98
dB
A-weighted
AVDD1=AVDD2=2.5V
96
dB
22Hz to 20kHz
AVDD1=AVDD2=3.3V
95.5
dB
Signal to Noise Ratio 3
SNR
22Hz to 20kHz
AVDD1=AVDD2=2.5V
93.5
dB
0dBFS input
AVDD1=AVDD2=3.3V
-84
dBFS
Total Harmonic Distortion 4
THD
0dBFS input
AVDD1=AVDD2=2.5V
-84
dBFS
0dBFS input
AVDD1=AVDD2=3.3V
-82
dBFS
Total Harmonic Distortion + Noise
5
THD+N
0dBFS input
AVDD1=AVDD2=2.5V
-82
dBFS
Channel Separation
6
1kHz signal
100
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com