Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9705 Datasheet(PDF) 42 Page - Wolfson Microelectronics plc

Part # WM9705
Description  Multimedia AC??7 CODEC with Integrated Touch Screen Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9705 Datasheet(HTML) 42 Page - Wolfson Microelectronics plc

Back Button WM9705 Datasheet HTML 38Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 39Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 40Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 41Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 42Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 43Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 44Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 45Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 46Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 55 page
background image
WM9705
Production Data
w
PD Rev 4.4 August 2006
42
INDEX 78H – DIGITISER CONTROL WORD 2 – READ/WRITE REGISTER
BIT
LOCATION
FUNCTION
PRP[1:0]
15:14
Pen digitiser power down bit control bits:
00 – Pen digitiser powered down, pen detect disabled, no wakeup on pen down (default)
01 – Pen digitiser powered off, pen detect enabled, wakeup on pen down enabled
10 – Pen digitiser powered off, pen detect enabled, no wakeup on pen down
11 – Pen digitiser powered up
RPR
13
Enables PR4 reset on pen down wake up
PDEN
12
causes conversions and screen drives to stop when pen is not down
PINV
11
Inverts sense of PENDET output: Default ‘0’ causes PEN = ‘down’ to give a ‘1’ output
BSEN
10
BUSY flag enable. Outputs converter BUSY signal on pin 47. ‘1’ = converter busy, goes
low at end of conversion to indicate result available
BINV
9
Invert sense of BUSY flag output
WAIT
8
WAIT bit; setting this bit causes conversion operations to halt when a result is about to
be written to the data register 7Ah, if the last stored result has not yet been read.
Conversions commence again once the result has been read
PIL
7
Pressure current select (‘0’=200uA, ‘1’=400uA)
PHIZ
6
Sets PHONE and PCBEEP inputs to be High impedance by disconnecting them from
mixer via an internal switch. Setting bit low opens the switch. Setting bit high closes
the switch. Default setting is low.
MSK[1:0]
5:4
Selects what effect MASK input has:
00 = MASK pin ignored
01 = Mask pin is static; ‘hi’ halts conversions
10 = Mask pin is edge sensitive; rising or falling edge delays conversions by DEL [3-0]
11 = Mask pin becomes a synchronise input; conversions happen after edge
PDD[3:0]
3:0
Pen detect comparator threshold
0 to Vmid in 15 steps; 0h = use zero power comparator with Vmid threshold
1 = Vmid/15 threshold
15 = Vmid threshold
INDEX 7AH – DIGITISER DATA WORD OUTPUT – READ REGISTER ONLY
BIT
LOCATION
FUNCTION
PNDN
15
Indicates whether Pen is Down; ‘1’ = ‘Down’
ADR[2:0]
14:12
Conversion Address; Indicates which channel the following result is for
D[11:0]
11:0
ADC output result
READBACK OF PEN DIGITISER RESULTS
Readback
of
conversion
results
from
either
pen
co-ordinate
conversions,
pressure
measurements, or auxiliary conversion, is via the AC link interface.
Readback may be performed either by reading from the read only register 7Ah via the AC link, or
by enabling SLOT mode (by writing SLEN = 1 in register 76h) where results are placed into the
AC link data slots by WM9705, and sent back to the controller.
The readback word contains the 12 bit data in the lsb locations, plus a 3 bit header in the next 3
bit locations, whose value corresponds to the channel that the data was converted from. Other
bits are padded with zero values. Channel addressing is the same as the address requested for
the conversion, as follows:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com