Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9705SEFL/V Datasheet(PDF) 10 Page - Wolfson Microelectronics plc

Part # WM9705SEFL/V
Description  Multimedia AC??7 CODEC with Integrated Touch Screen Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9705SEFL/V Datasheet(HTML) 10 Page - Wolfson Microelectronics plc

Back Button WM9705SEFL/V Datasheet HTML 6Page - Wolfson Microelectronics plc WM9705SEFL/V Datasheet HTML 7Page - Wolfson Microelectronics plc WM9705SEFL/V Datasheet HTML 8Page - Wolfson Microelectronics plc WM9705SEFL/V Datasheet HTML 9Page - Wolfson Microelectronics plc WM9705SEFL/V Datasheet HTML 10Page - Wolfson Microelectronics plc WM9705SEFL/V Datasheet HTML 11Page - Wolfson Microelectronics plc WM9705SEFL/V Datasheet HTML 12Page - Wolfson Microelectronics plc WM9705SEFL/V Datasheet HTML 13Page - Wolfson Microelectronics plc WM9705SEFL/V Datasheet HTML 14Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 55 page
background image
WM9705
Production Data
w
PD Rev 4.4 August 2006
10
Test Characteristics:
AVDD = 3.3V, DVDD = 3.3V, MCLK = 24.576MHz, TA = 25
oC, unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PEN and AUXILIARY INPUT ADC
Resolution
12
Bits
Differential non-linearity error
DNL
+/-0.25
LSB
Integral non-linearity error
INL
+/-2
LSB
Offset error
+/-4
LSB
Gain error
+/-4
LSB
Noise
500
µVrms
Conversion time
20.8
µsec
Acquisition time
15
µsec
Throughput rate
48
kHz
Multiplexer settling time
500
nsec
X conversion
X+ pin
Y conversion
Y+ pin
ADC positive reference
auxiliary conversion
AVDD1
V
X conversion
X- pin
Y conversion
Y- pin
ADC negative reference
auxiliary conversion
AGND1
V
ADC sampling capacitance
2
pF
AUXADC input range (fullscale)
AGND1
AVDD1
AUXADC input leakage current
+/-0.5
µA
BMON input range
AGND1
6.5V
BMON input impedance
at sampling time
30
k
Ω
BMON effective input
impedance (Note 3)
93.75Hz sample rate
7.7
M
Ω
BMON input gain
1/3
PEN INTERFACE
Full scale input range
AVDD
V
Positive input
AVDD
Absolute input range
Negative input
0
V
Capacitance
5
pF
Leakage current
+/-0.5
µA
Screen switch on resistance
20
Ω
PIL = 0
200
Pressure measurement current
PIL = 1
400
µA
External Pen-detect pull up
resistor value
1
10
100
k
Ω
Pen Detect Comparator
Threshold DAC Range
PDDACR
0.1
1.65
V
Pen Detect Comparator
Threshold DAC step size
PDDACLSB
0.1
V
Note:
1.
Harmonic distortion on the headphone output decreases with output power – see Figure 3.
2.
SNR is the ratio of 0dB signal amplitude to noise floor with no signal present (all 0s input code to DACs).
3.
The input impedance of the BMON input is 30k to ground when the ADC is sampling and hi-Z when it is not. The effective
input resistance is calculated dependant on how often the battery is sampled by the user. 7.7M
Ω is the effective
impedance if the battery is sampled once every 512 frames. For a fuller description of this and information on how to
calculate the effect input impedance please see the section on auxiliary conversions on pages 46.
4.
ADC sampling capacitance allows the user to calculate the minimum external capacitance required for a stable ADC value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com