Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9713L Datasheet(PDF) 21 Page - Wolfson Microelectronics plc

Part # WM9713L
Description  AC 97 Audio Touchpanel CODEC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9713L Datasheet(HTML) 21 Page - Wolfson Microelectronics plc

Back Button WM9713L Datasheet HTML 17Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 18Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 19Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 20Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 21Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 22Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 23Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 24Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 25Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 108 page
background image
Pre-Production
WM9713L
w
PP Rev 3.0 June 2006
21
PCM INTERFACE MODES
The WM9713L PCM audio interface may be configured in one of four modes:
•
Disabled Mode: The WM9713L disables and tri-states all PCM interface pins. Any
clock input is ignored and ADC/DAC data is not transferred.
•
Slave Mode: The WM9713L accepts PCMCLK and PCMFS as inputs from an
external source.
•
Master Mode: The WM9713L generates PCMCLK and PCMFS as outputs.
•
Partial Master Mode: The WM9713L generates PCMCLK as an output, and
accepts PCMFS as an external input.
PCM AUDIO DATA FORMATS
Four different audio data formats are supported:
•
DSP mode
•
Left justified
•
Right justified
•
I
2S
All four of these modes are MSB first. They are described below. Refer to the Electrical
Characteristic section for timing information.
The PCM Interface may be configured for Mono mode, where only one channel of ADC data is
output. In this mode the interface should be configured for DSP mode. A short or long frame sync is
supported and the MSB is available on either the 1st (mode B) or 2nd (mode A) rising edge of
VXCLK.
Note that when operating in stereo mode the mono Voice DAC always uses the left channel data as
its input.
PCMFS
PCMCLK
PCMADC/
PCMDAC
n
3
2
1
n-2 n-1
LSB
MSB
1 PCMCLK
Input Word Length (WL)
1/fs
Figure 5 PCM Interface Mono Mode (mode A, FSP=0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com