Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9714LGEFL/V Datasheet(PDF) 39 Page - Wolfson Microelectronics plc

Part # WM9714LGEFL/V
Description  AC 97 Audio CODEC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9714LGEFL/V Datasheet(HTML) 39 Page - Wolfson Microelectronics plc

Back Button WM9714LGEFL/V Datasheet HTML 35Page - Wolfson Microelectronics plc WM9714LGEFL/V Datasheet HTML 36Page - Wolfson Microelectronics plc WM9714LGEFL/V Datasheet HTML 37Page - Wolfson Microelectronics plc WM9714LGEFL/V Datasheet HTML 38Page - Wolfson Microelectronics plc WM9714LGEFL/V Datasheet HTML 39Page - Wolfson Microelectronics plc WM9714LGEFL/V Datasheet HTML 40Page - Wolfson Microelectronics plc WM9714LGEFL/V Datasheet HTML 41Page - Wolfson Microelectronics plc WM9714LGEFL/V Datasheet HTML 42Page - Wolfson Microelectronics plc WM9714LGEFL/V Datasheet HTML 43Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 94 page
background image
Pre-Production
WM9714L
w
PP Rev 3.0 June 2006
39
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
7
MBOP2EN
0 (Off)
Microphone bias enable to GPIO8 (pin 12)
6
MBOP1EN
1 (On)
Microphone bias enable to MICBIAS (pin 28)
22h
5
MBVOL
0
Microphone bias voltage control
0: 0.9 * AVDD
1: 0.75 * AVDD
Table 24 Microphone Bias Voltage Control
The internal MICBIAS circuitry is shown in Figure 14. Note that the maximum source current
capability for MICBIAS is 3mA. The external biasing resistors therefore must be large enough to limit
the MICBIAS current to 3mA.
Figure 14 Microphone Bias Schematic
MICBIAS CURRENT DETECT
The WM9714L includes a microphone bias current detect circuit with programmable thresholds for
the microphone bias current, above which an interrupt will be triggered. There are two separate
interrupt bits, MICDET to e.g. distinguish between one or two microphones connected to the
WM9714L, and MICSHT to detect a shorted microphone (mic button press). The microphone current
detect threshold is set by MCDTHR[2:0], for MICDET, and MCDSCTHR[1:0] for MICSHT.
Thresholds for each code are shown in Table 25
When not in use the microphone bias current detect circuit can be powered down using the
Powerdown register bit MCD (register 3Eh, bit 15).
See the GPIO and Interrupt Controller sections for details on the interrupt and status readback for
these MICBIAS current detection features.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
4:2
MCDTHR
000
Mic current detect threshold
000:100uA
001:200uA
….100uA steps up to
111:800uA
These values are for 3.3V supply and scale
with supply voltage (AVDD).
22h
1:0
MCDSCTR
00
Mic current detect short circuit threshold
00: 600uA
01: 1200uA
10: 1800uA
11: 2400uA
These values are for 3.3V supply and scale
with supply voltage (AVDD).
Table 25 Microphone Current Detect Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com