Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYD77F Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BYD77F
Description  Ultra fast low-loss controlled avalanche rectifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYD77F Datasheet(HTML) 3 Page - NXP Semiconductors

  BYD77F Datasheet HTML 1Page - NXP Semiconductors BYD77F Datasheet HTML 2Page - NXP Semiconductors BYD77F Datasheet HTML 3Page - NXP Semiconductors BYD77F Datasheet HTML 4Page - NXP Semiconductors BYD77F Datasheet HTML 5Page - NXP Semiconductors BYD77F Datasheet HTML 6Page - NXP Semiconductors BYD77F Datasheet HTML 7Page - NXP Semiconductors BYD77F Datasheet HTML 8Page - NXP Semiconductors BYD77F Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
1999 Nov 15
3
Philips Semiconductors
Product specification
Ultra fast low-loss
controlled avalanche rectifiers
BYD77 series
ELECTRICAL CHARACTERISTICS
Tj =25 °C unless otherwise specified.
IFRM
repetitive peak forward current
Ttp = 105 °C; see Figs 6 and 7
BYD77A to D
−
15
A
BYD77E to G
−
13
A
IFRM
repetitive peak forward current
Tamb =60 °C; see Figs 8 and 9
BYD77A to D
−
8.5
A
BYD77E to G
−
8.0
A
IFSM
non-repetitive peak forward current
t = 10 ms half sine wave; Tj =Tj max
prior to surge; VR =VRRMmax
−
25
A
ERSM
non-repetitive peak reverse
avalanche energy
L = 120 mH; Tj =25 °C prior to
surge; inductive load switched off
−
10
mJ
Tstg
storage temperature
−65
+175
°C
Tj
junction temperature
−65
+175
°C
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VF
forward voltage
IF = 1 A; Tj =Tj max;
see Figs 12 and 13
BYD77A to D
−−
0.75
V
BYD77E to G
−−
0.83
V
VF
forward voltage
IF =1A;
see Figs 12 and 13
BYD77A to D
−−
0.98
V
BYD77E to G
−−
1.05
V
V(BR)R
reverse avalanche breakdown
voltage
IR = 0.1 mA
BYD77A
55
−−
V
BYD77B
110
−−
V
BYD77C
165
−−
V
BYD77D
220
−−
V
BYD77E
275
−−
V
BYD77F
330
−−
V
BYD77G
440
−−
V
IR
reverse current
VR =VRRMmax;
see Fig.14
−−
1
µA
VR =VRRMmax;
Tj = 165 °C; see Fig.14
−−
100
µA
trr
reverse recovery time
when switched from
IF = 0.5 A to IR =1A;
measured at IR = 0.25 A;
see Fig.18
BYD77A to D
−−
25
ns
BYD77E to G
−−
50
ns
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com