Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYD77G Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BYD77G
Description  Ultra fast low-loss controlled avalanche rectifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYD77G Datasheet(HTML) 2 Page - NXP Semiconductors

  BYD77G Datasheet HTML 1Page - NXP Semiconductors BYD77G Datasheet HTML 2Page - NXP Semiconductors BYD77G Datasheet HTML 3Page - NXP Semiconductors BYD77G Datasheet HTML 4Page - NXP Semiconductors BYD77G Datasheet HTML 5Page - NXP Semiconductors BYD77G Datasheet HTML 6Page - NXP Semiconductors BYD77G Datasheet HTML 7Page - NXP Semiconductors BYD77G Datasheet HTML 8Page - NXP Semiconductors BYD77G Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1999 Nov 15
2
Philips Semiconductors
Product specification
Ultra fast low-loss
controlled avalanche rectifiers
BYD77 series
FEATURES
• Glass passivated
• High maximum operating
temperature
• Low leakage current
• Excellent stability
• Guaranteed avalanche energy
absorption capability
• Shipped in 8 mm embossed tape
• Smallest surface mount
rectifier outline.
DESCRIPTION
Cavity free cylindrical glass SOD87
package through Implotec
™(1)
technology. This package is
hermetically sealed and fatigue free
as coefficients of expansion of all
used parts are matched.
(1) Implotec is a trademark of Philips.
handbook, 4 columns
MAM061
ka
Fig.1 Simplified outline (SOD87) and symbol.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VRRM
repetitive peak reverse voltage
BYD77A
−
50
V
BYD77B
−
100
V
BYD77C
−
150
V
BYD77D
−
200
V
BYD77E
−
250
V
BYD77F
−
300
V
BYD77G
−
400
V
VR
continuous reverse voltage
BYD77A
−
50
V
BYD77B
−
100
V
BYD77C
−
150
V
BYD77D
−
200
V
BYD77E
−
250
V
BYD77F
−
300
V
BYD77G
−
400
V
IF(AV)
average forward current
Ttp = 105 °C; see Figs 2 and 3;
averaged over any 20 ms period;
see also Figs 10 and 11
BYD77A to D
−
2.00
A
BYD77E to G
−
1.85
A
IF(AV)
average forward current
Tamb =60 °C; PCB mounting (see
Fig.16); see Figs 4 and 5;
averaged over any 20 ms period;
see also Figs 10 and 11
BYD77A to D
−
0.85
A
BYD77E to G
−
0.80
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com