Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYG80C Datasheet(PDF) 12 Page - NXP Semiconductors

Part # BYG80C
Description  Ultra fast low-loss controlled avalanche rectifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYG80C Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button BYG80C Datasheet HTML 8Page - NXP Semiconductors BYG80C Datasheet HTML 9Page - NXP Semiconductors BYG80C Datasheet HTML 10Page - NXP Semiconductors BYG80C Datasheet HTML 11Page - NXP Semiconductors BYG80C Datasheet HTML 12Page - NXP Semiconductors BYG80C Datasheet HTML 13Page - NXP Semiconductors BYG80C Datasheet HTML 14Page - NXP Semiconductors BYG80C Datasheet HTML 15Page - NXP Semiconductors BYG80C Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
1997 Nov 25
12
Philips Semiconductors
Product specification
Ultra fast low-loss
controlled avalanche rectifiers
BYG80 series
BYG80A to D
(1) Tj = 175 °C.
(2) Tj =25 °C.
Fig.21 Forward current as a function of forward
voltage; maximum values.
handbook, halfpage
01
(1)
(2)
2
VF (V)
3
10
0
8
IF
(A)
6
4
2
MGL090
handbook, halfpage
0
2.0
10
0
2
4
6
8
0.4
(2)
IF
(A)
0.8
1.2
VF (V)
1.6
MGL091
(1)
Fig.22 Forward current as a function of forward
voltage; maximum values.
BYG80F and G
(1) Tj = 175 °C.
(2) Tj =25 °C.
handbook, halfpage
01
IF
(A)
2
VF (V)
3
10
0
8
6
4
2
MGL098
(1)
(2)
Fig.23 Forward current as a function of forward
voltage; maximum values.
BYG80J
(1) Tj = 175 °C.
(2) Tj =25 °C.
Fig.24 Reverse current as a function of junction
temperature; maximum values.
BYG80A to D
VR =VRMMmax.
handbook, halfpage
MGL095
0
100
200
103
102
10
1
(
µA)
IR
Tj (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com