Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNC572 Datasheet(PDF) 2 Page - SONiX Technology Company

Part # SNC572
Description  Two Channel Direct Drive Speech Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNC572 Datasheet(HTML) 2 Page - SONiX Technology Company

  SNC572_05 Datasheet HTML 1Page - SONiX Technology Company SNC572_05 Datasheet HTML 2Page - SONiX Technology Company SNC572_05 Datasheet HTML 3Page - SONiX Technology Company SNC572_05 Datasheet HTML 4Page - SONiX Technology Company SNC572_05 Datasheet HTML 5Page - SONiX Technology Company SNC572_05 Datasheet HTML 6Page - SONiX Technology Company SNC572_05 Datasheet HTML 7Page - SONiX Technology Company SNC572_05 Datasheet HTML 8Page - SONiX Technology Company SNC572_05 Datasheet HTML 9Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
SNC572
Two Channel Direct Drive Speech Controller
3 Block Diagram
IO1
IO2
IO3
Sampling Rate Counter
× 2
Timing
Generator
D/A
Timer
SRAM (128 nibbles)
ALU
Voice
Synthesizer
PWM
Address Pointers/ STACK
OSC
ROM
Program/Speech
132K
×10 bits
4 PIN ASSIGNMENT
Symbol
I/O Function Description
P13 ~ P10
I
Bit3 ~ Bit0 of Input port 1
P23 ~ P20
I/O Bit3 ~ Bit0 of I/O port 2
P33 ~ P30
I/O Bit3 ~ Bit0 of I/O port 3
VDD
P
Positive power supply
GND
P
Negative power supply
RST
I
Reset pin (active high)
OSC
O
Oscillator / Crystal Out
BUO1/VO
O
Positive Output of PWM or DA output
BUO2
O
Negative Output of PWM
Ver: 1.4
June 8, 2005
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com