Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYG80F Datasheet(PDF) 13 Page - NXP Semiconductors

Part # BYG80F
Description  Ultra fast low-loss controlled avalanche rectifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYG80F Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button BYG80F Datasheet HTML 9Page - NXP Semiconductors BYG80F Datasheet HTML 10Page - NXP Semiconductors BYG80F Datasheet HTML 11Page - NXP Semiconductors BYG80F Datasheet HTML 12Page - NXP Semiconductors BYG80F Datasheet HTML 13Page - NXP Semiconductors BYG80F Datasheet HTML 14Page - NXP Semiconductors BYG80F Datasheet HTML 15Page - NXP Semiconductors BYG80F Datasheet HTML 16Page - NXP Semiconductors BYG80F Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
1997 Nov 25
13
Philips Semiconductors
Product specification
Ultra fast low-loss
controlled avalanche rectifiers
BYG80 series
handbook, halfpage
MGC549
0
100
200
103
102
10
1
(
µA)
IR
Tj (°C)
Fig.25 Reverse current as a function of junction
temperature; maximum values.
BYG80F to J
VR =VRMMmax.
Fig.26 Diode capacitance as a function of reverse
voltage; typical values.
f = 1 MHz; Tj =25 °C.
(1) BYG80A to D
(2) BYG80F and G
(3) BYG80J
handbook, halfpage
102
10
Cd
(pF)
1
MGL078
1
(1)
10
VR (V)
103
102
(2)
(3)
Fig.27 Printed-circuit board for surface mounting.
Dimensions in mm.
MSB213
4.5
2.5
1.25
50
50
handbook, halfpage
10%
100%
dI
dt
t
trr
IF
IR
MGC499
F
dI
dt
R
Fig.28 Reverse recovery definitions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com