Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNL320 Datasheet(PDF) 13 Page - SONiX Technology Company

Part # SNL320
Description  16-Bit LCD Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNL320 Datasheet(HTML) 13 Page - SONiX Technology Company

Back Button SNL320 Datasheet HTML 9Page - SONiX Technology Company SNL320 Datasheet HTML 10Page - SONiX Technology Company SNL320 Datasheet HTML 11Page - SONiX Technology Company SNL320 Datasheet HTML 12Page - SONiX Technology Company SNL320 Datasheet HTML 13Page - SONiX Technology Company SNL320 Datasheet HTML 14Page - SONiX Technology Company SNL320 Datasheet HTML 15Page - SONiX Technology Company SNL320 Datasheet HTML 16Page - SONiX Technology Company SNL320 Datasheet HTML 17Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
SNL320
16-Bit LCD Controller
VCC
BUO1/VO
1K
BUO1/VO
BUO2
DAC output
Push-Pull output
10. Internal Regulator
The power system of SNL320 can be separated into two groups, one is 3V and
another one is 5V. The power of core logic and SRAM, ROM is comes from 3V power
group. And the power of all I/O, DA/Push-Pull, clock system is comes from 5V power
group.
Considering user’s application, SNL320 built-in a regulator to solve the different
power problem. Please refer to the following connection diagram.
3V
CVDD
VDDIO
VOUT_REG
5V
CVDD
VDDIO
VOUT_REG
SNL320
SNL320
C1
3V power system
5V power system
For 3V power system (2 batteries application), all the power pins should be
connected together.
Ver: 1.2
12
July 22, 2005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com