Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89SND2CMP3B Datasheet(PDF) 98 Page - ATMEL Corporation

Part # AT89SND2CMP3B
Description  Single-Chip Flash Microcontroller with MP3 Decoder with Full Audio Interface
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89SND2CMP3B Datasheet(HTML) 98 Page - ATMEL Corporation

Back Button AT89SND2CMP3B Datasheet HTML 94Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 95Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 96Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 97Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 98Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 99Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 100Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 101Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 102Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 241 page
background image
98
4341F–MP3–03/06
AT8xC51SND2C/MP3B
Table 15-25.
DAC Reset Register - DAC_ RST (10h)
Reset Value = 00000000b
Note:
Refer to Audio DAC Startup sequence.
15.2
Power Amplifier
High quality mono output is provided. The DAC output is connected through a buffer stage to the
input of the Audio Power Amplifier, using two coupling capacitors The mono buffer stage also
includes a mixer of the LINEL and LINER inputs as well as a differential monaural auxiliary input
(line level) which can be, for example, the output of a voice CODEC output driver in mobile
phones.
In the full power mode, the Power Amplifier is capable of driving an 8
Ω Loudspeaker at maxi-
mum power of 440mW, making it suitable as a handsfree speaker driver in Wireless Handset
Application.
The Low Power Mode is designed to be switched from the handsfree mode to the normal ear-
phone/speaker mode of a telephone handset.
The audio power amplifier is not internally protected against short-circuit. The user should avoid
any short-circuit on the load.
15.2.1
PA Features
• 0.44W on 8
Ω Load
• Low Power Mode for Earphone
• Programmable Gain (-22 to +20 dB)
• Fully Differential Structure, Input and Output
Table 15-26.
PA Gain
765
432
10
-
-
-
-
-
RESMASK
RESFILZ
RSTZ
Bit
Number
Bit Mnemonic
Description
7:3
-
Not Used.
2
RESMASK
Active high reset mask of the audio codec
1
RESFILZ
Active low reset of the audio codec filter
0RSTZ
Active low reset of the audio codec
APAGAIN 3:0
Gain (db)
0000
-22
0001
20
0010
17
0011
14
0100
11
0101
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com