Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA128 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # ATMEGA128
Description  8-bit Microcontroller with 128K Bytes In-System Programmable Flash
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA128 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button ATMEGA128 Datasheet HTML 17Page - ATMEL Corporation ATMEGA128 Datasheet HTML 18Page - ATMEL Corporation ATMEGA128 Datasheet HTML 19Page - ATMEL Corporation ATMEGA128 Datasheet HTML 20Page - ATMEL Corporation ATMEGA128 Datasheet HTML 21Page - ATMEL Corporation ATMEGA128 Datasheet HTML 22Page - ATMEL Corporation ATMEGA128 Datasheet HTML 23Page - ATMEL Corporation ATMEGA128 Datasheet HTML 24Page - ATMEL Corporation ATMEGA128 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
21
ATmega128
2467OS–AVR–10/06
4.
Stabilizing time needed when changing OSCCAL Register
After increasing the source clock frequency more than 2% with settings in the OSC-
CAL register, the device may execute some of the subsequent instructions
incorrectly.
Problem Fix / Workaround
The behavior follows errata number 1., and the same Fix / Workaround is applicable
on this errata.
5.
IDCODE masks data from TDI input
The JTAG instruction IDCODE is not working correctly. Data to succeeding devices
are replaced by all-ones during Update-DR.
Problem Fix / Workaround
–
If ATmega128 is the only device in the scan chain, the problem is not visible.
–
Select the Device ID Register of the ATmega128 by issuing the IDCODE
instruction or by entering the Test-Logic-Reset state of the TAP controller to
read out the contents of its Device ID Register and possibly data from
succeeding devices of the scan chain. Issue the BYPASS instruction to the
ATmega128 while reading the Device ID Registers of preceding devices of
the boundary scan chain.
–
If the Device IDs of all devices in the boundary scan chain must be captured
simultaneously, the ATmega128 must be the fist device in the chain.
ATmega128 Rev. H
• First Analog Comparator conversion may be delayed
• Interrupts may be lost when writing the timer registers in the asynchronous timer
• Stabilizing time needed when changing XDIV Register
• Stabilizing time needed when changing OSCCAL Register
• IDCODE masks data from TDI input
1.
First Analog Comparator conversion may be delayed
If the device is powered by a slow rising V
CC, the first Analog Comparator conver-
sion will take longer than expected on some devices.
Problem Fix/Workaround
When the device has been powered or reset, disable then enable theAnalog Com-
parator before the first conversion.
2.
Interrupts may be lost when writing the timer registers in the asynchronous
timer
If one of the timer registers which is synchronized to the asynchronous timer2 clock
is written in the cycle before a overflow interrupt occurs, the interrupt may be lost.
Problem Fix/Workaround
Always check that the Timer2 Timer/Counter register, TCNT2, does not have the
value 0xFF before writing the Timer2 Control Register, TCCR2, or Output Compare
Register, OCR2
3.
Stabilizing time needed when changing XDIV Register
After increasing the source clock frequency more than 2% with settings in the XDIV
register, the device may execute some of the subsequent instructions incorrectly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com