Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA165 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATMEGA165
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA165 Datasheet(HTML) 2 Page - ATMEL Corporation

  ATMEGA165 Datasheet HTML 1Page - ATMEL Corporation ATMEGA165 Datasheet HTML 2Page - ATMEL Corporation ATMEGA165 Datasheet HTML 3Page - ATMEL Corporation ATMEGA165 Datasheet HTML 4Page - ATMEL Corporation ATMEGA165 Datasheet HTML 5Page - ATMEL Corporation ATMEGA165 Datasheet HTML 6Page - ATMEL Corporation ATMEGA165 Datasheet HTML 7Page - ATMEL Corporation ATMEGA165 Datasheet HTML 8Page - ATMEL Corporation ATMEGA165 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
ATmega165/V
2573FS–AVR–08/06
Pin Configurations
Figure 1. Pinout ATmega165
Note:
The large center pad underneath the QFN/MLF packages is made of metal and internally
connected to GND. It should be soldered or glued to the board to ensure good mechani-
cal stability. If the center pad is left unconnected, the package might loosen from the
board.
Disclaimer
Typical values contained in this datasheet are based on simulations and characteriza-
tion of other AVR microcontrollers manufactured on the same process technology. Min
and Max values will be available after the device is characterized.
PC0
(RXD/PCINT0) PE0
(TXD/PCINT1) PE1
DNC
(XCK/AIN0/PCINT2) PE2
(AIN1/PCINT3) PE3
(USCK/SCL/PCINT4) PE4
(DI/SDA/PCINT5) PE5
(DO/PCINT6) PE6
(CLKO/PCINT7) PE7
(SS/PCINT8) PB0
(SCK/PCINT9) PB1
(MOSI/PCINT10) PB2
(MISO/PCINT11) PB3
(OC0A/PCINT12) PB4
(OC1B/PCINT14) PB6
(OC1A/PCINT13) PB5
PC1
PG0
PC2
PC3
PC4
PC5
PC6
PC7
PA7
PG2
PA6
PA5
PA4
PA3
PG1
ATmega165
INDEX CORNER
2
3
1
4
5
6
7
8
9
10
11
12
13
14
16
15
47
46
48
45
44
43
42
41
40
39
38
37
36
35
33
34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com