Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS643LSHTN-I1-T Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # ATS643LSHTN-I1-T
Description  Self-Calibrating, Zero-Speed Differential Gear Tooth Sensor with Continuous Update
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS643LSHTN-I1-T Datasheet(HTML) 8 Page - Allegro MicroSystems

Back Button ATS643LSHTN-I1-T Datasheet HTML 4Page - Allegro MicroSystems ATS643LSHTN-I1-T Datasheet HTML 5Page - Allegro MicroSystems ATS643LSHTN-I1-T Datasheet HTML 6Page - Allegro MicroSystems ATS643LSHTN-I1-T Datasheet HTML 7Page - Allegro MicroSystems ATS643LSHTN-I1-T Datasheet HTML 8Page - Allegro MicroSystems ATS643LSHTN-I1-T Datasheet HTML 9Page - Allegro MicroSystems ATS643LSHTN-I1-T Datasheet HTML 10Page - Allegro MicroSystems ATS643LSHTN-I1-T Datasheet HTML 11Page - Allegro MicroSystems ATS643LSHTN-I1-T Datasheet HTML 12Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Self-Calibrating, Zero-Speed Differential
Gear Tooth Sensor with Continuous Update
ATS643LSH
8
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
THERMAL CHARACTERISTICS may require derating at maximum conditions, see application information
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max Units
Package Thermal Resistance
RθJA
Minimum-K PCB (single-sided with copper limited to
solder pads)
126
ºC/W
Low-K PCB (single-sided with copper limited to solder
pads and 3.57 in.2 (23.03 cm2) of copper area)
84
ºC/W
6
7
8
9
2
3
4
5
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
20
40
60
80
100
120
140
160
180
TJ(max) = 165ºC; ICC =ICC(max)
Power Derating Curve
(RθJA = 126 ºC/W)
Minimum-K PCB
(RθJA = 84 ºC/W)
Low-K PCB
VCC(min)
VCC(max)
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
1300
1400
1500
1600
1700
1800
1900
20
40
60
80
100
120
140
160
180
Temperature (°C)
TJ(max) = 165ºC; VCC =VCC(max);ICC =ICC(max)
Maximum Power Dissipation, PD(max)
(R
θJA =1
26 ºC/W)
Minimum-K
PCB
(R
θJA =
84
ºC/W)
Low-K
PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com