Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS643LSHTN-I2-T Datasheet(PDF) 13 Page - Allegro MicroSystems

Part # ATS643LSHTN-I2-T
Description  Self-Calibrating, Zero-Speed Differential Gear Tooth Sensor with Continuous Update
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS643LSHTN-I2-T Datasheet(HTML) 13 Page - Allegro MicroSystems

Back Button ATS643LSHTN-I2-T Datasheet HTML 8Page - Allegro MicroSystems ATS643LSHTN-I2-T Datasheet HTML 9Page - Allegro MicroSystems ATS643LSHTN-I2-T Datasheet HTML 10Page - Allegro MicroSystems ATS643LSHTN-I2-T Datasheet HTML 11Page - Allegro MicroSystems ATS643LSHTN-I2-T Datasheet HTML 12Page - Allegro MicroSystems ATS643LSHTN-I2-T Datasheet HTML 13Page - Allegro MicroSystems ATS643LSHTN-I2-T Datasheet HTML 14Page - Allegro MicroSystems ATS643LSHTN-I2-T Datasheet HTML 15Page - Allegro MicroSystems ATS643LSHTN-I2-T Datasheet HTML 16Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Self-Calibrating, Zero-Speed Differential
Gear Tooth Sensor with Continuous Update
ATS643LSH
13
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
Undervoltage Lockout
. When the supply voltage falls
below the minimum operating voltage, VCC(UV), ICC goes high
and remains high regardless of the state of the magnetic gradi-
ent from the target. This lockout feature prevents false signals,
caused by undervoltage conditions, from propagating to the
output of the sensor.
Power Supply Protection
. The device contains an on-chip
regulator and can operate over a wide VCC range. For devices
that need to operate from an unregulated power supply, transient
protection must be added externally. For applications using a
regulated line, EMI/RFI protection may still be required. Contact
Allegro Microsystems for information on the circuitry needed
for compliance with various EMC specifications. Refer to fig-
ure 7 for an example of a basic application circuit.
Automatic Gain Control (AGC)
. This feature allows the
device to operate with an optimal internal electrical signal,
regardless of the air gap (within the AG specification). At
power-on, the device determines the peak-to-peak amplitude
of the signal generated by the target. The gain of the sensor is
then automatically adjusted. Figure 8 illustrates the effect of this
feature.
Automatic Offset Adjust (AOA)
. The AOA is patented cir-
cuitry that automatically cancels the effects of chip, magnet, and
installation offsets. (For capability, see Dynamic Offset Cancel-
lation, in the Operating Characteristics table.) This circuitry is
continuously active, including both during power-on mode and
running mode, compensating for any offset drift. Continuous
operation also allows it to compensate for offsets induced by
temperature variations over time.
Assembly Description.
The ATS643 is integrally molded
into a plastic body that has been optimized for size, ease of
assembly, and manufacturability. High operating temperature
materials are used in all aspects of construction.
2
ATS643
1
3
4
VCC
0.01 μF
100 Ω
(Optional)
(Optional)
Figure 7. Typical basic circuit for proper device operation.
Mechanical Profile
AGSmall
AGLarge
AGSmall
AGLarge
Internal Differential
Analog Signal
Response, with AGC
Internal Differential
Analog Signal
Response, without AGC
Ferrous Target
V+
V+
Figure 8. Automatic Gain Control (AGC). The AGC function corrects for
variances in the air gap. Differences in the air gap cause differences in
the magnetic field at the device, but AGC prevents that from affecting
device performance, a shown in the lowest panel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com