Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8367ARU Datasheet(PDF) 13 Page - Analog Devices

Part # AD8367ARU
Description  500 MHz, Linear-in-dB VGA with AGC Detector
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8367ARU Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8367ARU Datasheet HTML 9Page - Analog Devices AD8367ARU Datasheet HTML 10Page - Analog Devices AD8367ARU Datasheet HTML 11Page - Analog Devices AD8367ARU Datasheet HTML 12Page - Analog Devices AD8367ARU Datasheet HTML 13Page - Analog Devices AD8367ARU Datasheet HTML 14Page - Analog Devices AD8367ARU Datasheet HTML 15Page - Analog Devices AD8367ARU Datasheet HTML 16Page - Analog Devices AD8367ARU Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
AD8367
Rev. A | Page 13 of 24
RMS DETECTION
The AD8367 contains a square-law detector that senses
the output signal and compares it to a calibrated setpoint of
354 mV rms, which corresponds to a 1 V p-p sine wave. This
setpoint is internally set and cannot be modified to change the
AGC setpoint and the resulting VOUT level without using
additional external components. This is described in the
Modifying the AGC Setpoint section.
Any difference between the output and setpoint generates
a current that is integrated by an external capacitor, CAGC,
connected from the DETO pin to ground, to provide an AGC
control voltage. There is also an internal 5 pF capacitor on the
DETO pin.
The resulting voltage is used as an AGC bias. For this
application, the MODE pin is pulled low and the DETO pin is
tied to the GAIN pin. The output signal level is then regulated
to 354 mV rms. The AGC bias represents a calibrated rms
measure of the received signal strength (RSSI). Since in AGC
mode the output signal is forced to the 354 mV rms setpoint
(−9.02 dBV rms), Equation 2 can be recast to express the
strength of the received signal, VIN-RMS, in terms of the AGC
bias VDETO.
VIN − RMS (dBV rms) = 54.02 + 50 × VDETO
(4)
where −54.02 dBV rms = −45 dB − 9.02 dBV rms.
For small changes in input signal level, VDETO responds with a
characteristic single-pole time constant, τAGC, which is
proportional to CAGC.
τAGC (μs) = 10 × CAGC (nf)
(5)
where the internal 5 pF capacitor is lumped with the external
capacitor to give CAGC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com