Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8552 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8552
Description  Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8552 Datasheet(HTML) 2 Page - Analog Devices

  AD8552 Datasheet HTML 1Page - Analog Devices AD8552 Datasheet HTML 2Page - Analog Devices AD8552 Datasheet HTML 3Page - Analog Devices AD8552 Datasheet HTML 4Page - Analog Devices AD8552 Datasheet HTML 5Page - Analog Devices AD8552 Datasheet HTML 6Page - Analog Devices AD8552 Datasheet HTML 7Page - Analog Devices AD8552 Datasheet HTML 8Page - Analog Devices AD8552 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
AD8551/AD8552/AD8554
Rev. C | Page 2 of 24
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Pin Configurations ........................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Electrical Characteristics............................................................. 3
Absolute Maximum Ratings............................................................ 5
Thermal Characteristics .............................................................. 5
ESD Caution.................................................................................. 5
Typical Performance Characteristics ............................................. 6
Functional Description .................................................................. 14
Amplifier Architecture .............................................................. 14
Basic Auto-Zero Amplifier Theory.......................................... 14
High Gain, CMRR, PSRR.......................................................... 16
Maximizing Performance Through Proper Layout ............... 16
1/f Noise Characteristics ........................................................... 16
Intermodulation Distortion ...................................................... 17
Broadband and External Resistor Noise Considerations...... 18
Output Overdrive Recovery...................................................... 18
Input Overvoltage Protection ................................................... 18
Output Phase Reversal............................................................... 19
Capacitive Load Drive ............................................................... 19
Power-Up Behavior .................................................................... 19
Applications..................................................................................... 20
5 V Precision Strain Gage Circuit ......................................
...... 20
3 V Instrumentation Amplifier ................................................ 20
High Accuracy Thermocouple Amplifier....................
........... 21
Precision Current Meter............................................................ 21
Precision Voltage Comparator.................................................. 21
Outline Dimensions ....................................................................... 22
Ordering Guide .......................................................................... 23
REVISION HISTORY
3/07—Rev. B to Rev. C
Changes to Specifications Section .................................................. 3
2/07—Rev. A to Rev. B
Updated Format..................................................................Universal
Changes to Figure 54...................................................................... 16
Deleted Spice Model Section......................................................... 19
Deleted Figure 63, Renumbered Sequentially ............................ 19
Changes to Ordering Guide .......................................................... 24
11/02—Rev. 0 to Rev. A
Edits to Figure 60............................................................................ 16
Updated Outline Dimensions ....................................................... 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com