Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8612 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8612
Description  Ultrafast, 4 ns Single-Supply Comparators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8612 Datasheet(HTML) 2 Page - Analog Devices

  AD8612 Datasheet HTML 1Page - Analog Devices AD8612 Datasheet HTML 2Page - Analog Devices AD8612 Datasheet HTML 3Page - Analog Devices AD8612 Datasheet HTML 4Page - Analog Devices AD8612 Datasheet HTML 5Page - Analog Devices AD8612 Datasheet HTML 6Page - Analog Devices AD8612 Datasheet HTML 7Page - Analog Devices AD8612 Datasheet HTML 8Page - Analog Devices AD8612 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
AD8611/AD8612
Rev. A | Page 2 of 20
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Pin Configurations ........................................................................... 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 5
Thermal Resistance ...................................................................... 5
ESD Caution.................................................................................. 5
Pin Configurations and Function Descriptions ........................... 6
Typical Performance Characteristics ............................................. 7
Applications..................................................................................... 10
Optimizing High Speed Performance ..................................... 10
Upgrading the LT1394 and LT1016......................................... 10
Maximum Input Frequency and Overdrive............................ 10
Output Loading Considerations............................................... 11
Using the Latch to Maintain a Constant Output.................... 11
Input Stage and Bias Currents .................................................. 11
Using Hysteresis ......................................................................... 11
Clock Timing Recovery............................................................. 12
A 5 V, High Speed Window Comparator................................ 12
Outline Dimensions ....................................................................... 16
Ordering Guide .......................................................................... 17
REVISION HISTORY
8/06—Rev. 0 to Rev. A
Updated Format..................................................................Universal
Added No Latch if VCC < 4.3 V .........................................Universal
Changes to Pin Names .......................................................Universal
Added Pin Configurations and Function Descriptions Page ..... 6
Changes to Table 8.......................................................................... 12
Changes to Figure 26...................................................................... 12
Changes to Ordering Guide .......................................................... 17
4/00—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com