Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYM56D Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BYM56D
Description  Controlled avalanche rectifiers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYM56D Datasheet(HTML) 2 Page - NXP Semiconductors

  BYM56D Datasheet HTML 1Page - NXP Semiconductors BYM56D Datasheet HTML 2Page - NXP Semiconductors BYM56D Datasheet HTML 3Page - NXP Semiconductors BYM56D Datasheet HTML 4Page - NXP Semiconductors BYM56D Datasheet HTML 5Page - NXP Semiconductors BYM56D Datasheet HTML 6Page - NXP Semiconductors BYM56D Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
1996 May 24
2
Philips Semiconductors
Product specification
Controlled avalanche rectifiers
BYM56 series
FEATURES
• Glass passivated
• High maximum operating
temperature
• Low leakage current
• Excellent stability
• Guaranteed avalanche energy
absorption capability
• Available in ammo-pack
• Also available with preformed leads
for easy insertion.
DESCRIPTION
Rugged glass package, using a high
temperature alloyed construction.
This package is hermetically sealed
and fatigue free as coefficients of
expansion of all used parts are
matched.
Fig.1 Simplified outline (SOD64) and symbol.
2/3 page (Datasheet)
MAM104
ka
,

,

LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VRRM
repetitive peak reverse voltage
BYM56A
−
200
V
BYM56B
−
400
V
BYM56C
−
600
V
BYM56D
−
800
V
BYM56E
−
1000
V
VRWM
crest working reverse voltage
BYM56A
−
200
V
BYM56B
−
400
V
BYM56C
−
600
V
BYM56D
−
800
V
BYM56E
−
1000
V
VR
continuous reverse voltage
BYM56A
−
200
V
BYM56B
−
400
V
BYM56C
−
600
V
BYM56D
−
800
V
BYM56E
−
1000
V
IF(AV)
average forward current
Ttp =60 °C;
lead length = 10 mm;
averaged over any 20 ms
period; see Figs 2 and 4
−
3.5
A
Tamb =65 °C; PCB mounting
(see Fig.9); averaged over any
20 ms period; see Figs 3 and 4
−
1.4
A
IFSM
non-repetitive peak forward current
t = 10 ms half sinewave;
Tj =Tj max prior to surge;
VR =VRRMmax
−
80
A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com