Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYQ28EB Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BYQ28EB
Description  Rectifier diodes ultrafast, rugged
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYQ28EB Datasheet(HTML) 1 Page - NXP Semiconductors

  BYQ28EB Datasheet HTML 1Page - NXP Semiconductors BYQ28EB Datasheet HTML 2Page - NXP Semiconductors BYQ28EB Datasheet HTML 3Page - NXP Semiconductors BYQ28EB Datasheet HTML 4Page - NXP Semiconductors BYQ28EB Datasheet HTML 5Page - NXP Semiconductors BYQ28EB Datasheet HTML 6Page - NXP Semiconductors BYQ28EB Datasheet HTML 7Page - NXP Semiconductors BYQ28EB Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Philips Semiconductors
Product specification
Rectifier diodes
BYQ28E, BYQ28EB, BYQ28ED series
ultrafast, rugged
FEATURES
SYMBOL
QUICK REFERENCE DATA
• Low forward volt drop
V
R = 150 V/ 200 V
• Fast switching
• Soft recovery characteristic
V
F ≤ 0.895 V
• Reverse surge capability
• High thermal cycling performance
I
O(AV) = 10 A
• Low thermal resistance
I
RRM = 0.2 A
t
rr ≤ 25 ns
GENERAL DESCRIPTION
Dual, ultra-fast, epitaxial rectifier diodes intended for use as output rectifiers in high frequency switched mode power
supplies.
The BYQ28E series is supplied in the SOT78 conventional leaded package.
The BYQ28EB series is supplied in the SOT404 surface mounting package.
The BYQ28ED series is supplied in the SOT428 surface mounting package.
PINNING
SOT78 (TO220AB)
SOT404
SOT428
PIN
DESCRIPTION
1
anode 1
2
cathode
1
3
anode 2
tab
cathode
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134)
SYMBOL PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
BYQ28E/ BYQ28EB/ BYQ28ED
-150
-200
V
RRM
Peak repetitive reverse
-
150
200
V
voltage
V
RWM
Working peak reverse
-
150
200
V
voltage
V
R
Continuous reverse voltage
-
150
200
V
I
O(AV)
Average rectified output
square wave;
δ = 0.5; T
mb ≤ 119 ˚C
-
10
A
current (both diodes
conducting)
I
FRM
Repetitive peak forward
square wave;
δ = 0.5; T
mb ≤ 119 ˚C
-
10
A
current per diode
I
FSM
Non-repetitive peak forward
t = 10 ms
-
50
A
current per diode
t = 8.3 ms
-
55
A
sinusoidal; with reapplied V
RRM(max)
I
RRM
Peak repetitive reverse
t
p = 2 µs; δ = 0.001
-
0.2
A
surge current per diode
I
RSM
Peak non-repetitive reverse
t
p = 100 µs
-
0.2
A
surge current per diode
T
j
Operating junction
-
150
˚C
temperature
T
stg
Storage temperature
- 40
150
˚C
1. It is not possible to make connection to pin 2 of the SOT428 or SOT404 packages.
k
a1
a2
13
2
1
2
3
tab
13
tab
2
12 3
tab
October 1998
1
Rev 1.300


Similar Part No. - BYQ28EB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYQ28EB VISHAY-BYQ28EB Datasheet
46Kb / 3P
Dual Ultrafast Soft Recovery Rectifier
03-Jul-02
BYQ28EB VISHAY-BYQ28EB Datasheet
80Kb / 3P
Dual Ultrafast Soft Recovery Rectifiers
27-Jun-03
BYQ28EB-100 VISHAY-BYQ28EB-100 Datasheet
158Kb / 5P
Dual Common Cathode Ultrafast Rectifier
07-Jan-08
logo
Inchange Semiconductor ...
BYQ28EB-100 ISC-BYQ28EB-100 Datasheet
324Kb / 2P
Ultrafast Rectifier Diode
logo
Vishay Siliconix
BYQ28EB-150 VISHAY-BYQ28EB-150 Datasheet
158Kb / 5P
Dual Common Cathode Ultrafast Rectifier
07-Jan-08
More results

Similar Description - BYQ28EB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYQ30EX PHILIPS-BYQ30EX Datasheet
48Kb / 6P
Rectifier diodes ultrafast, rugged
October 1998 Rev 1.200
BYQ40EW PHILIPS-BYQ40EW Datasheet
55Kb / 6P
Rectifier diodes ultrafast, rugged
December 1998 Rev 1.000
BYV42E PHILIPS-BYV42E Datasheet
48Kb / 6P
Rectifier diodes ultrafast, rugged
July 1998 Rev 1.200
BYV79E NXP-BYV79E Datasheet
96Kb / 8P
Rectifier diodes ultrafast, rugged
July 1998
BYW29E-100 PHILIPS-BYW29E-100 Datasheet
111Kb / 8P
Rectifier diodes ultrafast, rugged
August 2001
BYW29E-150127 PHILIPS-BYW29E-150127 Datasheet
111Kb / 8P
Rectifier diodes ultrafast, rugged
August 2001
BYQ28_SER_E_ED PHILIPS-BYQ28_SER_E_ED_15 Datasheet
74Kb / 10P
Rectifier diodes ultrafast, rugged
Rev. 04-5 December 2007
BYV79E PHILIPS-BYV79E_15 Datasheet
96Kb / 8P
Rectifier diodes ultrafast, rugged
July 1998
BYW29EB PHILIPS-BYW29EB_15 Datasheet
121Kb / 9P
Rectifier diodes ultrafast, rugged
November 1998
BYW29EX PHILIPS-BYW29EX_15 Datasheet
115Kb / 8P
Rectifier diodes ultrafast, rugged
October 1998
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com