Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8542ARM-R2 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8542ARM-R2
Description  General-Purpose CMOS Rail-to-Rail Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8542ARM-R2 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8542ARM-R2 Datasheet HTML 10Page - Analog Devices AD8542ARM-R2 Datasheet HTML 11Page - Analog Devices AD8542ARM-R2 Datasheet HTML 12Page - Analog Devices AD8542ARM-R2 Datasheet HTML 13Page - Analog Devices AD8542ARM-R2 Datasheet HTML 14Page - Analog Devices AD8542ARM-R2 Datasheet HTML 15Page - Analog Devices AD8542ARM-R2 Datasheet HTML 16Page - Analog Devices AD8542ARM-R2 Datasheet HTML 17Page - Analog Devices AD8542ARM-R2 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AD8541/AD8542/AD8544
Rev. E | Page 14 of 20
PHOTODIODE APPLICATION
The AD854x family has very high impedance with an input bias
current typically around 4 pA. This characteristic allows the
AD854x op amps to be used in photodiode applications and
other applications that require high input impedance. Note that
the AD854x has significant voltage offset that can be removed
by capacitive coupling or software calibration.
Figure 39 illustrates a photodiode or current measurement
application. The feedback resistor is limited to 10 MΩ to avoid
excessive output offset. Also, note that a resistor is not needed
on the noninverting input to cancel bias current offset because
the bias current-related output offset is not significant when
compared to the voltage offset contribution. For best
performance, follow the standard high impedance layout
techniques, which include:
•
Shielding the circuit.
•
Cleaning the circuit board.
•
Putting a trace connected to the noninverting input around
the inverting input.
•
Using separate analog and digital power supplies.
AD8541
4
6
7
3
2
D
OR
V+
2.5VREF
C
100pF
R
10MΩ
2.5VREF
VOUT
Figure 39. High Input Impedance Application—Photodiode Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com