Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8628AR Datasheet(PDF) 3 Page - Analog Devices

Part # AD8628AR
Description  Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8628AR Datasheet(HTML) 3 Page - Analog Devices

  AD8628AR Datasheet HTML 1Page - Analog Devices AD8628AR Datasheet HTML 2Page - Analog Devices AD8628AR Datasheet HTML 3Page - Analog Devices AD8628AR Datasheet HTML 4Page - Analog Devices AD8628AR Datasheet HTML 5Page - Analog Devices AD8628AR Datasheet HTML 6Page - Analog Devices AD8628AR Datasheet HTML 7Page - Analog Devices AD8628AR Datasheet HTML 8Page - Analog Devices AD8628AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
AD8628/AD8629/AD8630
Rev. E | Page 3 of 24
GENERAL DESCRIPTION
This amplifier has ultralow offset, drift, and bias current. The
AD8628/AD8629/AD8630 are wide bandwidth auto-zero
amplifiers featuring rail-to-rail input and output swings and low
noise. Operation is fully specified from 2.7 V to 5 V single
supply (±1.35 V to ±2.5 V dual supply).
The AD8628/AD8629/AD8630 provide benefits previously
found only in expensive auto-zeroing or chopper-stabilized
amplifiers. Using Analog Devices’ topology, these zero-drift
amplifiers combine low cost with high accuracy and low noise.
No external capacitor is required. In addition, the AD8628/
AD8629/AD8630 greatly reduce the digital switching noise
found in most chopper-stabilized amplifiers.
With an offset voltage of only 1 μV, drift of less than
0.005 μV/°C, and noise of only 0.5 μV p-p (0 Hz to 10 Hz), the
AD8628/AD8629/AD8630 are suited for applications in which
error sources cannot be tolerated. Position and pressure sensors,
medical equipment, and strain gage amplifiers benefit greatly
from nearly zero drift over their operating temperature range.
Many systems can take advantage of the rail-to-rail input and
output swings provided by the AD8628/AD8629/AD8630 to
reduce input biasing complexity and maximize SNR.
The AD8628/AD8629/AD8630 are specified for the extended
industrial temperature range (−40°C to +125°C). The AD8628
is available in tiny TSOT-23, SOT-23, and the 8-lead narrow
SOIC plastic packages. The AD8629 is available in the standard
8-lead narrow SOIC and MSOP plastic packages. The AD8630
quad amplifier is available in 14-lead narrow SOIC and TSSOP
plastic packages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com