Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP343 Datasheet(PDF) 6 Page - Analog Devices

Part # ADCMP343
Description  Dual 0.275% Comparators and Reference with Programmable Hysteresis
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP343 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADCMP343 Datasheet HTML 2Page - Analog Devices ADCMP343 Datasheet HTML 3Page - Analog Devices ADCMP343 Datasheet HTML 4Page - Analog Devices ADCMP343 Datasheet HTML 5Page - Analog Devices ADCMP343 Datasheet HTML 6Page - Analog Devices ADCMP343 Datasheet HTML 7Page - Analog Devices ADCMP343 Datasheet HTML 8Page - Analog Devices ADCMP343 Datasheet HTML 9Page - Analog Devices ADCMP343 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADCMP341/ADCMP343
Rev. 0 | Page 6 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
0
10
20
30
40
50
RISING INPUT THRESHOLD VOLTAGE (mV)
60
394 395 396 397 398 399 400 401 402 403 404 405 406
VDD = 5V
TA = 25°C
Figure 6. Distribution of Rising Input Threshold Voltage
395
SUPPLY VOLTAGE (V)
401
400
399
398
397
396
1.7
5.7
5.2
4.7
4.2
3.7
3.2
2.7
2.2
TA = –40°C
TA = +25°C
TA = +85°C
TA = +125°C
Figure 7. Rising Input Threshold Voltage vs. Supply Voltage
10
4
5.2
SUPPLY VOLTAGE (V)
9
8
7
6
5
1.72.22.73.23.74.24.7
TA = +125°C
TA = +85°C
TA = +25°C
TA = –40°C
NO LOAD CURRENT
Figure 8. Quiescent Supply Current vs. Supply Voltage
396
TEMPERATURE (°C)
404
402
400
398
–40
–20
120
0
20406080
100
4
3
2
1
FOUR TYPICAL PARTS
VDD = 5V
Figure 9. Rising Input Threshold Voltage vs. Temperature
–5
SUPPLY VOLTAGE (V)
1
1.5
2.5
2.4
2.3
2.2
2.1
2.0
1.9
1.8
1.7
1.6
TA = +125°C
TA = +85°C
TA = +25°C
TA = –40°C
0
–1
–2
–3
–4
Figure 10. Minimum Supply Voltage
50
0
1.5
SUPPLY VOLTAGE (V)
40
30
20
10
00.5
1.0
TA = +125°C
TA = +85°C
TA = +25°C
TA = –40°C
Figure 11. Start-Up Supply Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com