Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4851-4YRUZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADA4851-4YRUZ-R7
Description  Low Cost, High Speed, Rail-to-Rail, Output Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4851-4YRUZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADA4851-4YRUZ-R7 Datasheet HTML 1Page - Analog Devices ADA4851-4YRUZ-R7 Datasheet HTML 2Page - Analog Devices ADA4851-4YRUZ-R7 Datasheet HTML 3Page - Analog Devices ADA4851-4YRUZ-R7 Datasheet HTML 4Page - Analog Devices ADA4851-4YRUZ-R7 Datasheet HTML 5Page - Analog Devices ADA4851-4YRUZ-R7 Datasheet HTML 6Page - Analog Devices ADA4851-4YRUZ-R7 Datasheet HTML 7Page - Analog Devices ADA4851-4YRUZ-R7 Datasheet HTML 8Page - Analog Devices ADA4851-4YRUZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADA4851-1/ADA4851-2/ADA4851-4
Rev. D | Page 4 of 20
SPECIFICATIONS WITH +5 V SUPPLY
TA = 25°C, RF = 0 Ω for G = +1, RF = 1 kΩ for G > +1, RL = 1 kΩ, unless otherwise noted.
Table 2.
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Bandwidth
G = +1, VO = 0.1 V p-p
96
125
MHz
G = +1, VO = 0.5 V p-p
72
96
MHz
G = +2, VO = 1.4 V p-p, RL = 150 Ω
35
MHz
Bandwidth for 0.1 dB Flatness
G = +2, VO = 1.4 V p-p, RL = 150 Ω
11
MHz
Slew Rate
G = +2, VO = 2 V step
200
V/μs
Settling Time to 0.1%
G = +2, VO = 2 V step, RL = 150 Ω
55
ns
NOISE/DISTORTION PERFORMANCE
Harmonic Distortion (dBc) HD2/HD3
fC = 1 MHz, VO = 2 V p-p, G = +1
−80/−100
dBc
Input Voltage Noise
f = 100 kHz
10
nV/√Hz
Input Current Noise
f = 100 kHz
2.5
pA/√Hz
Differential Gain
G = +2, NTSC, RL = 150 Ω, VO = 2 V p-p
0.08
%
Differential Phase
G = +2, NTSC, RL = 150 Ω, VO = 2 V p-p
0.11
Degrees
Crosstalk (RTI)—ADA4851-2/ADA4851-4
f = 5 MHz, G = +2, VO = 2.0 V p-p
−70/−60
dB
DC PERFORMANCE
Input Offset Voltage
0.6
3.4
mV
Input Offset Voltage Drift
4
μV/°C
Input Bias Current
2.2
3.9
μA
Input Bias Current Drift
6
nA/°C
Input Bias Offset Current
20
nA
Open-Loop Gain
VO = 1 V to 4 V
97
107
dB
INPUT CHARACTERISTICS
Input Resistance
Differential/common-mode
0.5/5.0
MΩ
Input Capacitance
1.2
pF
Input Common-Mode Voltage Range
−0.2 to +2.8
V
Input Overdrive Recovery Time (Rise/Fall)
VIN = +5.5 V, −0.5 V, G = +1
50/45
ns
Common-Mode Rejection Ratio
VCM = 0 V to 2 V
−86
−105
dB
POWER-DOWN
Power-Down Input Voltage
Power-down
<1.1
V
Enabled
>1.6
V
Turn-Off Time
0.7
μs
Turn-On Time
50
ns
Power-Down Bias Current
Enabled
Power-down = 5 V
33
40
μA
Power-Down
Power-down = 0 V
−22
−30
μA
OUTPUT CHARACTERISTICS
Output Overdrive Recovery Time (Rise/Fall)
VIN = +1.1 V, −0.1 V, G = +5
60/70
ns
Output Voltage Swing
0.09 to 4.91
0.06 to 4.94
V
Short-Circuit Current
Sinking/sourcing
110/90
mA
POWER SUPPLY
Operating Range
2.7
12
V
Quiescent Current per Amplifier
2.5
2.8
mA
Quiescent Current (Power-Down)
Power-down = low
0.2
0.3
mA
Positive Power Supply Rejection
+VS = +5 V to +6 V, −VS = 0 V
−82
−101
dB
Negative Power Supply Rejection
+VS = +5 V, −VS = −0 V to −1 V
−81
−101
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com