Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8628ART-R2 Datasheet(PDF) 22 Page - Analog Devices

Part # AD8628ART-R2
Description  Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8628ART-R2 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD8628ART-R2 Datasheet HTML 16Page - Analog Devices AD8628ART-R2 Datasheet HTML 17Page - Analog Devices AD8628ART-R2 Datasheet HTML 18Page - Analog Devices AD8628ART-R2 Datasheet HTML 19Page - Analog Devices AD8628ART-R2 Datasheet HTML 20Page - Analog Devices AD8628ART-R2 Datasheet HTML 21Page - Analog Devices AD8628ART-R2 Datasheet HTML 22Page - Analog Devices AD8628ART-R2 Datasheet HTML 23Page - Analog Devices AD8628ART-R2 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
AD8628/AD8629/AD8630
Rev. E | Page 22 of 24
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
Branding
AD8628AUJ-R2
−40°C to +125°C
5-Lead TSOT-23
UJ-5
AYB
AD8628AUJ-REEL
−40°C to +125°C
5-Lead TSOT-23
UJ-5
AYB
AD8628AUJ-REEL7
−40°C to +125°C
5-Lead TSOT-23
UJ-5
AYB
AD8628AUJZ-R21
−40°C to +125°C
5-Lead TSOT-23
UJ-5
A0L
AD8628AUJZ-REEL1
−40°C to +125°C
5-Lead TSOT-23
UJ-5
A0L
AD8628AUJZ-REEL71
−40°C to +125°C
5-Lead TSOT-23
UJ-5
A0L
AD8628AR
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8628AR-REEL
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8628AR-REEL7
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8628ARZ1
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8628ARZ-REEL1
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8628ARZ-REEL71
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8628ART-R2
−40°C to +125°C
5-Lead SOT-23
RT-5
AYA
AD8628ART-REEL7
−40°C to +125°C
5-Lead SOT-23
RT-5
AYA
AD8628ARTZ-R21
−40°C to +125°C
5-Lead SOT-23
RT-5
A0L
AD8628ARTZ-REEL71
−40°C to +125°C
5-Lead SOT-23
RT-5
A0L
AD8629ARZ1
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8629ARZ-REEL1
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8629ARZ-REEL71
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8629ARMZ-R21
−40°C to +125°C
8-Lead MSOP
RM-8
A06
AD8629ARMZ-REEL1
−40°C to +125°C
8-Lead MSOP
RM-8
A06
AD8630ARUZ1
−40°C to +125°C
14-Lead TSSOP
RU-14
AD8630ARUZ-REEL1
−40°C to +125°C
14-Lead TSSOP
RU-14
AD8630ARZ1
−40°C to +125°C
14-Lead SOIC_N
R-14
AD8630ARZ-REEL1
−40°C to +125°C
14-Lead SOIC_N
R-14
AD8630ARZ-REEL71
−40°C to +125°C
14-Lead SOIC_N
R-14
1 Z = Pb-free part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com