Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP356 Datasheet(PDF) 1 Page - Analog Devices

Part # ADCMP356
Description  Comparators and Reference Circuits
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP356 Datasheet(HTML) 1 Page - Analog Devices

  ADCMP356 Datasheet HTML 1Page - Analog Devices ADCMP356 Datasheet HTML 2Page - Analog Devices ADCMP356 Datasheet HTML 3Page - Analog Devices ADCMP356 Datasheet HTML 4Page - Analog Devices ADCMP356 Datasheet HTML 5Page - Analog Devices ADCMP356 Datasheet HTML 6Page - Analog Devices ADCMP356 Datasheet HTML 7Page - Analog Devices ADCMP356 Datasheet HTML 8Page - Analog Devices ADCMP356 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Comparators and Reference Circuits
ADCMP350/ADCMP352/ADCMP354/ADCMP356
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
Comparators with 0.6 V on-chip references
Output stages:
Open-drain active-low (ADCMP350)
Push-pull active-low (ADCMP352)
Open-drain active-high (ADCMP354)
Push-pull active-high (ADCMP356)
High voltage (up to 22 V) tolerance on VIN and open-drain
output pins
Low power consumption (10 µA)
10 nA input bias current
15 mV hysteresis
5 µs propagation delay
Specified over −40°C to +125°C temperature range
4-lead SC70 package
APPLICATIONS
Voltage detectors
Microprocessor systems
Computers
Battery monitors
Intelligent instruments
Portable equipment
GENERAL DESCRIPTION
The ADCMP350/ADCMP352/ADCMP354/ADCMP356 parts
are comparator and reference circuits suitable for use in
general-purpose applications. The high voltage input and
output structures will allow voltages of up to 22 V on the input
of all devices and the output of the open-drain devices. High
performance over the −40°C to +125°C temperature range
makes them suitable for use in automotive and other thermally
harsh applications, while low power consumption and space-
efficient SC70 packaging make them ideal for battery-powered
portable equipment.
FUNCTIONAL BLOCK DIAGRAMS
ADCMP350/ADCMP352
GND
OUT (OD/PP)
VCC
VIN
REF
ADCMP354/ADCMP356
GND
OUT (OD/PP)
VCC
VIN
REF
`
Figure 1.
Table 1. Selection Table
Part No.
Reference Voltage (V)
Input Connection
Output
ADCMP350
0.6
Inverting
Open Drain
ADCMP352
0.6
Inverting
Push-Pull
ADCMP354
0.6
Noninverting
Open Drain
ADCMP356
0.6
Noninverting
Push-Pull


Similar Part No. - ADCMP356

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCMP356 AD-ADCMP356 Datasheet
89Kb / 4P
Comparator and Reference Circuits
ADCMP356 AD-ADCMP356 Datasheet
151Kb / 12P
Comparators and Reference Circuits
REV. 0
ADCMP356 AD-ADCMP356 Datasheet
183Kb / 12P
Comparators and Reference Circuits
REV. B
ADCMP356 AD-ADCMP356 Datasheet
183Kb / 12P
Comparators and Reference Circuits
REV. B
ADCMP356AKS AD-ADCMP356AKS Datasheet
89Kb / 4P
Comparator and Reference Circuits
More results

Similar Description - ADCMP356

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM613 NSC-LM613 Datasheet
1Mb / 22P
Dual Operational Amplifiers, Dual Comparators, and Adjustable Reference
logo
Analog Devices
ADCMP350YKS-REEL7 AD-ADCMP350YKS-REEL7 Datasheet
151Kb / 12P
Comparators and Reference Circuits
REV. 0
ADCMP341 AD-ADCMP341_07 Datasheet
353Kb / 12P
Dual 0.275% Comparators and Reference with Programmable Hysteresis
2/07-Revision 0
ADCMP350YKSZ-REEL7 AD-ADCMP350YKSZ-REEL7 Datasheet
183Kb / 12P
Comparators and Reference Circuits
REV. B
ADCMP354YKSZ-REEL7 AD-ADCMP354YKSZ-REEL7 Datasheet
183Kb / 12P
Comparators and Reference Circuits
REV. B
ADCMP341 AD-ADCMP341_15 Datasheet
346Kb / 12P
Comparators and Reference with Programmable Hysteresis
REV. A
ADCMP343 AD-ADCMP343_15 Datasheet
346Kb / 12P
Comparators and Reference with Programmable Hysteresis
REV. A
logo
Linear Technology
LT6119-1 LINER-LT6119-1_15 Datasheet
337Kb / 28P
Current Sense Amplifier, Reference and Comparators with POR
LT6119-2 LINER-LT6119-2_15 Datasheet
337Kb / 28P
Current Sense Amplifier, Reference and Comparators with POR
logo
Analog Devices
ADCMP350 AD-ADCMP350_18 Datasheet
217Kb / 10P
Comparators and Reference Circuits
5/2018-Rev. D to Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com