Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP371 Datasheet(PDF) 7 Page - Analog Devices

Part # ADCMP371
Description  General-Purpose Comparators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP371 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADCMP371 Datasheet HTML 3Page - Analog Devices ADCMP371 Datasheet HTML 4Page - Analog Devices ADCMP371 Datasheet HTML 5Page - Analog Devices ADCMP371 Datasheet HTML 6Page - Analog Devices ADCMP371 Datasheet HTML 7Page - Analog Devices ADCMP371 Datasheet HTML 8Page - Analog Devices ADCMP371 Datasheet HTML 9Page - Analog Devices ADCMP371 Datasheet HTML 10Page - Analog Devices ADCMP371 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ADCMP370/ADCMP371
Rev. A | Page 7 of 12
0
100
200
300
400
500
600
700
800
900
1000
SINK CURRENT (mA)
05
3
2
1
4
VCC = 3.3V
VCC = 5V
VCC = 2.25V
Figure 10. Output Low Voltage vs. Sink Current
–3.0
–2.6
–2.2
–1.6
–1.0
–40
25
125
TEMPERATURE (
°C)
VCC = 5V
VCC = 3.3V
VCC = 2.25V
85
–1.2
–1.4
–1.8
–2.0
–2.4
–2.8
Figure 11. Input Offset vs. Temperature
0
50
100
150
200
250
300
–50
100
150
IOUT = 2mA
IOUT = 1mA
50
0
TEMPERATURE (
°C)
Figure 12. Output Low Voltage vs. Temperature
–100
100
300
500
700
900
5.5
5.2
5.4
5.3
VIN (V)
VCC = 5.5V
5.1
Figure 13. Input Bias Current vs. Input Voltage
0.80
0.85
0.90
0.95
2.25
2.75
3.25
3.75
4.25
4.75
5.25
5.50
VCC (V)
1.05
1.10
1.15
1.20
1.00
Figure 14. Hysteresis vs. Supply Voltage
0
1.0
2.0
3.0
–50
0
50
100
150
TEMPERATURE (
°C)
VCC = 5V
0.5
1.5
2.5
Figure 15. Hysteresis vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com