Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP552 Datasheet(PDF) 8 Page - Analog Devices

Part # ADCMP552
Description  Single-Supply, High Speed PECL/LVPECL Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP552 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADCMP552 Datasheet HTML 4Page - Analog Devices ADCMP552 Datasheet HTML 5Page - Analog Devices ADCMP552 Datasheet HTML 6Page - Analog Devices ADCMP552 Datasheet HTML 7Page - Analog Devices ADCMP552 Datasheet HTML 8Page - Analog Devices ADCMP552 Datasheet HTML 9Page - Analog Devices ADCMP552 Datasheet HTML 10Page - Analog Devices ADCMP552 Datasheet HTML 11Page - Analog Devices ADCMP552 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADCMP551/ADCMP552/ADCMP553
Rev. 0 | Page 8 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
VCCI = 3.3 V, VCCO = 3.3 V, TA = 25°C, unless otherwise noted.
–5
–10
–9
–8
–7
–6
–0.2
0.1
0.4
0.7
1.0
1.3
NONINVERTING INPUT VOLTAGE (INVERTING VOLTAGE = 0.5V)
Figure 5. Input Bias Current vs. Input Voltage
2.00
1.50
1.55
1.60
1.65
1.70
1.75
1.80
1.85
1.90
1.95
–40
80
60
40
20
0
–20
TEMPERATURE (
°C)
Figure 6. Input Offset Voltage vs. Temperature
525
515
505
495
485
475
–40 –30 –20 –10
0
10
2030405060708090
TEMPERATURE (
°C)
RISE
FALL
Figure 7. ADCMP551/2 Rise/Fall Time vs. Temperature
–6.5
–7.5
–7.4
–7.3
–7.2
–7.1
–7.0
–6.9
–6.8
–6.7
–6.6
–40
80
60
40
20
0
–20
TEMPERATURE (
°C)
Figure 8. Input Bias Current vs. Temperature
2.4
2.3
2.2
2.1
2.0
1.9
1.8
1.7
1.6
1.5
1.4
0
0.25
0.50
0.75
1.00
RISE
FALL
1.25
1.50
1.75
TIME (ns)
Figure 9. Rise and Fall of Outputs vs. Time
460
440
450
430
420
410
400
–40 –30 –20 –10
0
10
2030405060708090
TEMPERATURE (
°C)
RISE
FALL
Figure 10. ADCMP553 Rise/Fall Time vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com