Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP580 Datasheet(PDF) 10 Page - Analog Devices

Part # ADCMP580
Description  Ultrafast SiGe Voltage Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP580 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADCMP580 Datasheet HTML 6Page - Analog Devices ADCMP580 Datasheet HTML 7Page - Analog Devices ADCMP580 Datasheet HTML 8Page - Analog Devices ADCMP580 Datasheet HTML 9Page - Analog Devices ADCMP580 Datasheet HTML 10Page - Analog Devices ADCMP580 Datasheet HTML 11Page - Analog Devices ADCMP580 Datasheet HTML 12Page - Analog Devices ADCMP580 Datasheet HTML 13Page - Analog Devices ADCMP580 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADCMP580/ADCMP581/ADCMP582
Rev. 0 | Page 10 of 16
TYPICAL APPLICATION CIRCUITS
Q
ADCMP580
Q
VIN
VP
VTP
VTN
VN
LATCH
INPUTS
50
Ω
50
Ω
GND
Figure 17. Zero-Crossing Detector with CML Outputs
Q
ADCMP581
Q
VP
VN
VTT
VP
VTP
VTN
VN
LATCH
INPUTS
50
Ω
50
Ω
Figure 18. LVDS to a 50 Ω Back-Terminated (RS) ECL Receiver
HYS
VEE
50
Ω
50
Ω
ADCMP580
0
Ω TO 5kΩ
Figure 19. Adding Hysteresis Using the HYS Control
50
Ω
50
Ω
+
Q
Q
VIN
VTH
LATCH
INPUTS
GND
ADCMP580
Figure 20. Comparator with −2 to +3 V Input Range
VP
VN
VEE
ADCMP580
50
Ω
1.5k
Ω
50
Ω
CML
Figure 21. Disabling the Latch Feature on the ADCMP580
VP
VN
ADCMP581
VTT
VEE
50
Ω
50
Ω
450
Ω
RSECL
Figure 22. Disabling the Latch Feature on the ADCMP581
VP
VN
VTT
ADCMP582
50
Ω
1k
Ω
50
Ω
RSPECL
Figure 23. Disabling the Latch Feature on the ADCMP582



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com