Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP582 Datasheet(PDF) 11 Page - Analog Devices

Part # ADCMP582
Description  Ultrafast SiGe Voltage Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP582 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADCMP582 Datasheet HTML 7Page - Analog Devices ADCMP582 Datasheet HTML 8Page - Analog Devices ADCMP582 Datasheet HTML 9Page - Analog Devices ADCMP582 Datasheet HTML 10Page - Analog Devices ADCMP582 Datasheet HTML 11Page - Analog Devices ADCMP582 Datasheet HTML 12Page - Analog Devices ADCMP582 Datasheet HTML 13Page - Analog Devices ADCMP582 Datasheet HTML 14Page - Analog Devices ADCMP582 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADCMP580/ADCMP581/ADCMP582
Rev. 0 | Page 11 of 16
APPLICATION INFORMATION
POWER/GROUND LAYOUT AND BYPASSING
The ADCMP58x family of comparators is designed for very
high speed applications. Consequently, high speed design
techniques must be used to achieve the specified performance.
It is critically important to use low impedance supply planes,
particularly for the negative supply (VEE), the output supply
plane (VCCO), and the ground plane (GND). Individual supply
planes are recommended as part of a multilayer board. Provid-
ing the lowest inductance return path for the switching currents
ensures the best possible performance in the target application.
It is also important to adequately bypass the input and output
supplies. A 1 μF electrolytic bypass capacitor should be placed
within several inches of each power supply pin to ground. In
addition, multiple high quality 0.1 μF bypass capacitors should
be placed as close as possible to each of the VEE, VCCI, and VCCO
supply pins and should be connected to the GND plane with
redundant vias. High frequency bypass capacitors should be
carefully selected for minimum inductance and ESR. Parasitic
layout inductance should be strictly avoided to maximize the
effectiveness of the bypass at high frequencies.
ADCMP58x FAMILY OF OUTPUT STAGES
Specified propagation delay dispersion performance is achieved
by using proper transmission line terminations. The outputs of
the ADCMP580 family comparators are designed to directly
drive 400 mV into 50 Ω cable or microstrip/stripline transmis-
sion lines terminated with 50 Ω referenced to the proper return.
The CML output stage is shown in the simplified schematic
diagram in Figure 24. Each output is back-terminated with
50 Ω for best transmission line matching. The outputs of the
ADCMP581/ADCMP582 are illustrated in Figure 25; they
should be terminated to −2 V for ECL outputs of ADCMP581
and VCCO − 2 V for PECL outputs of ADCMP582. As an alter-
native, Thevenin equivalent termination networks may also be
used. If these high speed signals must be routed more than a
centimeter, then either microstrip or stripline techniques are
required to ensure proper transition times and to prevent
excessive output ringing and pulse width-dependent
propagation delay dispersion.
Q
16mA
50
Ω
50
Ω
Q
GND
VEE
Figure 24. Simplified Schematic Diagram
of the ADCMP580 CML Output Stage
GND / Vcco
VEE
Q
Q
Figure 25. Simplified Schematic Diagram of the
ADCMP581/ADCMP582 ECL/PECL Output Stage
USING/DISABLING THE LATCH FEATURE
The latch inputs (LE/LE) are active low for latch mode and are
internally terminated with 50 Ω resistors to the VTT pin. When
using the ADCMP580, VTT should be connected to ground.
When using the ADCMP581, VTT should be connected to
−2 V. When using the ADCMP582, VTT should be connected
externally to VCCO − 2 V, preferably with its own low inductance
plane.
When using the ADCMP580/ADCMP582, the latch function
can be disabled by connecting the LE pin to VEE with an
external pull-down resistor and leaving the LE pin discon-
nected. To prevent excessive power dissipation, the resistor
should be 1.5 kΩ for the ADCMP580 and 1 kΩ for the
ADCMP582. When using the ADCMP581 comparators, the
latch can be disabled by connecting the LE pin to GND with
an external 450 Ω resistor and leaving the LE pin disconnected.
The idea is to create an approximate 0.5 V offset using the
internal resistor as half of the voltage divider. The VTT pin
should be connected as recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com