Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP580BCP-R2 Datasheet(PDF) 5 Page - Analog Devices

Part # ADCMP580BCP-R2
Description  Ultrafast SiGe Voltage Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP580BCP-R2 Datasheet(HTML) 5 Page - Analog Devices

  ADCMP580BCP-R2 Datasheet HTML 1Page - Analog Devices ADCMP580BCP-R2 Datasheet HTML 2Page - Analog Devices ADCMP580BCP-R2 Datasheet HTML 3Page - Analog Devices ADCMP580BCP-R2 Datasheet HTML 4Page - Analog Devices ADCMP580BCP-R2 Datasheet HTML 5Page - Analog Devices ADCMP580BCP-R2 Datasheet HTML 6Page - Analog Devices ADCMP580BCP-R2 Datasheet HTML 7Page - Analog Devices ADCMP580BCP-R2 Datasheet HTML 8Page - Analog Devices ADCMP580BCP-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ADCMP580/ADCMP581/ADCMP582
Rev. 0 | Page 5 of 16
TIMING INFORMATION
Figure 2 shows the ADCMP580/ADCMP581/ADCMP582 compare and latch timing relationships. Table 2 provides the definitions of the
terms shown in the figure.
50%
50%
VN ± VOS
50%
DIFFERENTIAL
INPUT VOLTAGE
LATCH ENABLE
Q OUTPUT
Q OUTPUT
LATCH ENABLE
tH
tPDL
tPDH
tPLOH
tPLOL
tR
tF
VN
VOD
tS
tPL
Figure 2. Comparator Timing Diagram
Table 2. Timing Descriptions
Symbol
Timing
Description
tPDH
Input to Output High Delay
Propagation delay measured from the time the input signal crosses the reference
(± the input offset voltage) to the 50% point of an output low-to-high transition.
tPDL
Input to Output Low Delay
Propagation delay measured from the time the input signal crosses the reference
(± the input offset voltage) to the 50% point of an output high-to-low transition.
tPLOH
Latch Enable to Output High Delay
Propagation delay measured from the 50% point of the latch enable signal
low-to-high transition to the 50% point of an output low-to-high transition.
tPLOL
Latch Enable to Output Low Delay
Propagation delay measured from the 50% point of the latch enable signal
low-to-high transition to the 50% point of an output high-to-low transition.
tH
Minimum Hold Time
Minimum time after the negative transition of the latch enable signal that the
input signal must remain unchanged to be acquired and held at the outputs.
tPL
Minimum Latch Enable Pulse Width
Minimum time that the latch enable signal must be high to acquire an input
signal change.
tS
Minimum Setup Time
Minimum time before the negative transition of the latch enable signal that an
input signal change must be present to be acquired and held at the outputs.
tR
Output Rise Time
Amount of time required to transition from a low to a high output as measured
at the 20% and 80% points.
tF
Output Fall Time
Amount of time required to transition from a high to a low output as measured
at the 20% and 80% points.
VN
Normal Input Voltage
Difference between the input voltages VP and VN for output true.
VOD
Voltage Overdrive
Difference between the input voltages VP and VN for output false.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com