Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD603-EB Datasheet(PDF) 13 Page - Analog Devices

Part # AD603-EB
Description  Low Noise, 90 MHz Variable Gain Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD603-EB Datasheet(HTML) 13 Page - Analog Devices

Back Button AD603-EB Datasheet HTML 9Page - Analog Devices AD603-EB Datasheet HTML 10Page - Analog Devices AD603-EB Datasheet HTML 11Page - Analog Devices AD603-EB Datasheet HTML 12Page - Analog Devices AD603-EB Datasheet HTML 13Page - Analog Devices AD603-EB Datasheet HTML 14Page - Analog Devices AD603-EB Datasheet HTML 15Page - Analog Devices AD603-EB Datasheet HTML 16Page - Analog Devices AD603-EB Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AD603
Rev. G | Page 13 of 20
2.15k
Ω
5.6pF
GPOS
GNEG
VINP
COMM
VPOS
VOUT
VNEG
FDBK
AD603
VC1
VC2
VIN
VPOS
VOUT
VNEG
8
7
6
5
1
2
3
4
Figure 31. 0 dB to 40 dB; 30 MHz Bandwidth
18pF
GPOS
GNEG
VINP
COMM
VPOS
VOUT
VNEG
FDBK
AD603
VC1
VC2
VIN
VPOS
VOUT
VNEG
8
7
6
1
2
3
4
5
Figure 32. 10 dB to 50 db; 9 MHz to Set Gain
REXT (Ω)
1M
10
100
1k
10k
100k
52
48
50
44
42
46
40
38
36
34
32
30
–1:VdB (OUT)
–2:VdB (OUT)
VdB (OUT)
Figure 33. Gain vs. REXT, Showing Worst-Case Limits Assuming Internal
Resistors have a Maximum Tolerance of 20%
Optionally, when a resistor is placed from FDBK to COMM,
higher gains can be achieved. This fourth mode is of limited
value because of the low bandwidth and the elevated output
offsets; it is thus not included in Figure 30, Figure 31, or
Figure 32.
The gain of this amplifier in the first two modes is set by the
ratio of on-chip laser-trimmed resistors. While the ratio of these
resistors is very accurate, the absolute value of these resistors
can vary by as much as ±20%. Thus, when an external resistor is
connected in parallel with the nominal 6.44 kΩ ±20% internal
resistor, the overall gain accuracy is somewhat poorer. The
worst-case error occurs at about 2 kΩ (see Figure 34).
REXT (Ω)
1M
10
100
1k
10k
100k
1.2
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
–1:VdB (OUT) – (–1):VdB (OREF)
VdB (OUT) – VdB (OREF)
Figure 34. Worst-Case Gain Error, Assuming Internal Resistors have a
Maximum Tolerance of −20% (Top Curve) or =20% (Bottom Curve)
While the gain bandwidth product of the fixed-gain amplifier is
about 4 GHz, the actual bandwidth is not exactly related to the
maximum gain. This is because there is a slight enhancing of
the ac response magnitude on the maximum bandwidth range,
due to higher order poles in the open-loop gain function; this
mild peaking is not present on the higher gain ranges. Figure 30,
Figure 31, and Figure 32 show how an optional capacitor may
be added to extend the frequency response in high gain modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com