Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAMW Datasheet(PDF) 1 Page - TOKO, Inc

Part # DAMW
Description  Fixed Inductors for Digital Audio Amplifier
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

DAMW Datasheet(HTML) 1 Page - TOKO, Inc

  DAMW Datasheet HTML 1Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fixed Inductors for Digital Audio Amplifier デジタルオーディオアンプ用 固定インダクタ
Inductance:
10µH×2, 20µH×2
DIMENSIONS/外形寸法図
FEATURES/特長
• Tight space by "2 in 1 unit" structure.
• The magnetic shield in a metal case.
• Low distortion at the time of the large output by High DC,
current.
• RoHS compliant
• 2 in 1構造による省スペース
• 金属ケースによる磁気シールド
• 高直流重畳特性による大出力時の低歪率化
• RoHS指令対応
ケース上面方向表示(1-3側)
捺印箇所
21.0 Max.
4.0
3.0 Ø0.8
方向表示(1-3側)
10.0
17.0
t=0.3
1番ピン
(Unit: mm)
DAMW
(1) Inductance is measured with a LCR meter 4284A (Agilent
Technologies) or equivalent.
(2) DC resistance is measured with a Digital Multimeter TR6871
(Advantest) or equivalent.
(3) DC current value which the inductance value decreases by 10%.
(4) DC current value which a coil temperature rises by 20°C.
(Reference ambient temperature 20°C)
(1) インダクタンスはLCR メータ4284A(Agilent Technologies)また
は同等品により測定する。
(2) 直流抵抗はデジタルマルチメータTR6871(Advantest)または同等
品により測定する。
(3) インダクタンス値が10%減少する直流電流値
(4) コイルの温度が20℃上昇する直流電流値
(周囲温度20℃を基準とする。)
SELECTION GUIDE FOR STANDARD COILS
TYPE DAMW
東光品番
インダクタンス(1)
許容差
直流抵抗(2)
直流重畳許容電流(3)
温度上昇許容電流(4)
TOKO
Part
Number
Inductance(1)
L (µH)
Tolerance
(%)
DC
Resistance(2)
(mΩ) Max.
S1055KT-1007
10×2
± 20
17
13.0
6.8
S1055MT-1006
20×2
± 20
23
7.5
3.7
Inductance
Decrease Current(3)
(A) Max.
=10%
∆L
L
Temperature
Rise Current(4)
∆ T=20°C
(A) Max.


Similar Part No. - DAMW

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
DAM-1 PAIRUI-DAM-1 Datasheet
627Kb / 4P
DC-DC Converter
logo
ITT Industries
DAM-11W1P-1A0N-K87 ITT-DAM-11W1P-1A0N-K87 Datasheet
9Mb / 301P
D Subminiature Connectors
DAM-11W1P-N ITT-DAM-11W1P-N Datasheet
34Kb / 1P
Brand: Cannon Product Category: D Sub Product Line: D Sub Series: COMBO D
DAM-11W1P-NMB-K52 ITT-DAM-11W1P-NMB-K52 Datasheet
5Mb / 62P
Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
DAM-11W1P-NMC-K52 ITT-DAM-11W1P-NMC-K52 Datasheet
5Mb / 62P
Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
More results

Similar Description - DAMW

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
8RDY TOKO-8RDY Datasheet
90Kb / 1P
Fixed Inductors for Digital Audio Amplifier
11RHBP TOKO-11RHBP Datasheet
142Kb / 1P
Fixed Inductors for Digital Audio Amplifier
13RHBP TOKO-13RHBP Datasheet
97Kb / 1P
Fixed Inductors for Digital Audio Amplifier
C3B TOKO-C3B Datasheet
91Kb / 1P
Fixed Inductors for Digital Audio Amplifier
DASL1620 TOKO-DASL1620 Datasheet
106Kb / 1P
Fixed Inductors for Digital Audio Amplifier
DAW TOKO-DAW Datasheet
65Kb / 1P
Fixed Inductors for Digital Audio Amplifier
EAW30S TOKO-EAW30S Datasheet
103Kb / 1P
Fixed Inductors for Digital Audio Amplifier
DA1476S TOKO-DA1476S Datasheet
48Kb / 1P
Fixed Inductors for Digital Audio Amplifier
DAEPWL TOKO-DAEPWL Datasheet
54Kb / 1P
Fixed Inductors for Digital Audio Amplifier
EAS30S TOKO-EAS30S Datasheet
78Kb / 1P
Fixed Inductors for Digital Audio Amplifier
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com