Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DASL1620 Datasheet(PDF) 1 Page - TOKO, Inc

Part # DASL1620
Description  Fixed Inductors for Digital Audio Amplifier
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

DASL1620 Datasheet(HTML) 1 Page - TOKO, Inc

  DASL1620 Datasheet HTML 1Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fixed Inductors for Digital Audio Amplifier デジタルオーディオアンプ用 固定インダクタ
FEATURES/特長
• High sound quality, low distortion, and low heat generation
due to the unique design of digital audio amp LPF by the
use of magnetic material suitable for digital amplifire, and
superb magnetic saturation characteristics
• A magnetically shielded structure prevents radiation noise
• The coil is made of spring-type thick wires to provide low
DC resistance.
• RoHS compliant
• デジタルオーディオアンプLPF専用に開発、デジタルアンプに
最適な磁気材料を使用、優れた磁気飽和特性により、高音質、
低歪率、低発熱を実現
• 放射ノイズを防ぐ閉磁路(防磁)構造
• 巻線にはスプリングタイプの太線を採用、低直流抵抗化を達成
• RoHS指令対応
983BN-1003
10
± 20
100
10.0
5.0
983BN-1005
15
± 20
100
10.0
4.0
983BN-1019
20
± 20
100
12.0
3.0
TYPE DASL
東光品番
インダクタンス(1)
許容差
測定周波数
直流抵抗(2)
最大許容電流(3)
TOKO
Part Number
Inductance(1)
L (µH)
Tolerance
(%)
Test
Frequency
(kHz)
DC
Resistance(2)
(mΩ) Max.
Rated
DC Current(3)
(A) Max.
998AMF-101
10
± 20
100
7.5
8.5
998AMF-131
15
± 20
100
12.5
7.5
998AMF-132
18
± 20
100
14.5
7.3
998AMF-133
20
± 20
100
16.5
6.5
998AMF-134
22
± 20
100
18.0
6.2
998AMF-135
27
± 20
100
20.0
5.7
998AMF-136
30
± 20
100
22.0
5.3
998AMF-137
33
± 20
100
24.0
5.2
TYPE DASM1620
東光品番
インダクタンス(1)
許容差
測定周波数
直流抵抗(2)
最大許容電流(3)
TOKO
Part Number
Inductance(1)
L (µH)
Tolerance
(%)
Test
Frequency
(kHz)
DC
Resistance(2)
(mΩ) Max.
Rated
DC Current(3)
(A) Max.
SELECTION GUIDE FOR STANDARD COILS
(1) Inductance is measured with a LCR meter 4284A∗ or equvalent.
Test Fregueney at 100kHz.
(2) DC resistance is measured with a Digital Multimeter TR6871
(Advantest) or equivalent.
(3) Maximum allowable DC current is that which causes a 10%
inductance reduction from the initial value, or coil temperature to
rise by 40°C, whichever is smaller. (Reference ambient
temperature 20°C)
∗: Agilent Technologies
(1) インダクタンスはLCRメータ4284A∗または同等品により測定する。
測定周波数は100kHzです。
(2) 直流抵抗はデジタルマルチメータTR6871(Advantest)または同等品
により測定する。
(3) 最大許容電流は、直流重畳電流を流した時インダクタンスの値が初
期値より10%減少する直流電流値、または直流電流により、コイル
の温度が40℃上昇の何れか小さい値です。(周囲温度20℃を基準と
する)
∗: Agilent Technologies
DASL/DASM1620
Inductance Range:
10~33µH
DIMENSIONS/外形寸法図
φ13.0 Max.
4.5
16.5 Max.
φ0.8
方向表示
Direction indication
(Unit: mm)
φ17.0 Max.
4.5
20.0 Max.
φ1.0
方向表示
Direction indication
(Unit: mm)


Similar Part No. - DASL1620

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
DASLTE5004310MIMO PULSE-DASLTE5004310MIMO Datasheet
899Kb / 16P
617-960/1710-2170/2300-2700/3400-3800/4900-7100MHz Ceiling mount
DASLTE500NF PULSE-DASLTE500NF Datasheet
1Mb / 4P
Low PIM In-building Omni Antenna with Pigtail
DASLTE500NFMIMO PULSE-DASLTE500NFMIMO Datasheet
965Kb / 6P
Low PIM In-building Omni MIMO Antenna
DASLTE500NFMIMO PULSE-DASLTE500NFMIMO Datasheet
899Kb / 16P
617-960/1710-2170/2300-2700/3400-3800/4900-7100MHz Ceiling mount
DASLTE500XXMIMO PULSE-DASLTE500XXMIMO Datasheet
899Kb / 16P
617-960/1710-2170/2300-2700/3400-3800/4900-7100MHz Ceiling mount
More results

Similar Description - DASL1620

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
8RDY TOKO-8RDY Datasheet
90Kb / 1P
Fixed Inductors for Digital Audio Amplifier
11RHBP TOKO-11RHBP Datasheet
142Kb / 1P
Fixed Inductors for Digital Audio Amplifier
13RHBP TOKO-13RHBP Datasheet
97Kb / 1P
Fixed Inductors for Digital Audio Amplifier
C3B TOKO-C3B Datasheet
91Kb / 1P
Fixed Inductors for Digital Audio Amplifier
DAMW TOKO-DAMW Datasheet
90Kb / 1P
Fixed Inductors for Digital Audio Amplifier
DAW TOKO-DAW Datasheet
65Kb / 1P
Fixed Inductors for Digital Audio Amplifier
EAW30S TOKO-EAW30S Datasheet
103Kb / 1P
Fixed Inductors for Digital Audio Amplifier
DA1476S TOKO-DA1476S Datasheet
48Kb / 1P
Fixed Inductors for Digital Audio Amplifier
DAEPWL TOKO-DAEPWL Datasheet
54Kb / 1P
Fixed Inductors for Digital Audio Amplifier
EAS30S TOKO-EAS30S Datasheet
78Kb / 1P
Fixed Inductors for Digital Audio Amplifier
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com