Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD628ARMZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD628ARMZ
Description  High Common-Mode Voltage, Programmable Gain Difference Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD628ARMZ Datasheet(HTML) 4 Page - Analog Devices

  AD628ARMZ Datasheet HTML 1Page - Analog Devices AD628ARMZ Datasheet HTML 2Page - Analog Devices AD628ARMZ Datasheet HTML 3Page - Analog Devices AD628ARMZ Datasheet HTML 4Page - Analog Devices AD628ARMZ Datasheet HTML 5Page - Analog Devices AD628ARMZ Datasheet HTML 6Page - Analog Devices AD628ARMZ Datasheet HTML 7Page - Analog Devices AD628ARMZ Datasheet HTML 8Page - Analog Devices AD628ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD628
Rev. F | Page 4 of 20
AD628ARM
AD628AR
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
Bias Current
1.5
3
1.5
3
nA
Offset Current
0.2
0.5
0.2
0.5
nA
CMRR
VCM = ±13 V
130
130
dB
Open-Loop Gain
VOUT = ±13 V
130
130
dB
POWER SUPPLY
Operating Range
±2.25
±18
±2.25
±18
V
Quiescent Current
1.6
1.6
mA
TEMPERATURE RANGE
−40
+85
−40
+85
°C
1 To use a lower gain, see the Ga
section.
in Adjustment
2 The addition of the difference amplifier and output amplifier offset voltage does not exceed this specification.
3 Error due to common mode as seen at the output:
]
[
]
10
)
(0.1)(
[
20
75
Gain
Amplifier
Output
VCM
OUT
×
=
V
4 Error due to common mode as seen at the output of A1:
]
10
)
(0.1)(
[
20
75
CM
OUT
V
A1 =
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com