Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD628ARMZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # AD628ARMZ-R7
Description  High Common-Mode Voltage, Programmable Gain Difference Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD628ARMZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD628ARMZ-R7 Datasheet HTML 7Page - Analog Devices AD628ARMZ-R7 Datasheet HTML 8Page - Analog Devices AD628ARMZ-R7 Datasheet HTML 9Page - Analog Devices AD628ARMZ-R7 Datasheet HTML 10Page - Analog Devices AD628ARMZ-R7 Datasheet HTML 11Page - Analog Devices AD628ARMZ-R7 Datasheet HTML 12Page - Analog Devices AD628ARMZ-R7 Datasheet HTML 13Page - Analog Devices AD628ARMZ-R7 Datasheet HTML 14Page - Analog Devices AD628ARMZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD628
Rev. F | Page 11 of 20
100
90
10
0
100
μV
500mV
R
L = 1kΩ
R
L = 2kΩ
R
L = 10kΩ
V
S = ±2.5V
OUTPUT VOLTAGE (V)
Figure 17. Normalized Gain Error vs. VOUT, VS = ±2.5 V
0
1
2
3
4
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
Figure 18. Bias Current vs. Temperature Buffer
–15
–10
–5
0
5
10
15
0
5
10
15
20
25
OUTPUT CURRENT (mA)
–25°C
+85°C
–25°C
–40°C
+25°C
–40°C
+85°C
+25°C
Figure 19. Output Voltage Operating Range vs. Output Current
100
90
10
0
500mV
50mV
4
μs
Figure 20. Small Signal Pulse Response,
RL = 2 kΩ, CL = 0 pF, Top: Input, Bottom: Output
100
90
10
0
500mV
50mV
4
μs
Figure 21. Small Signal Pulse Response,
RL = 2 kΩ, CL = 1000 pF, Top: Input, Bottom: Output
100
90
10
0
500mV
50mV
4
μs
Figure 22. Large Signal Pulse Response,
RL = 2 kΩ, CL = 1000 pF, Top: Input, Bottom: Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com