Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD605-EB Datasheet(PDF) 17 Page - Analog Devices

Part # AD605-EB
Description  Dual, Low Noise, Single-Supply Variable Gain Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD605-EB Datasheet(HTML) 17 Page - Analog Devices

Back Button AD605-EB Datasheet HTML 12Page - Analog Devices AD605-EB Datasheet HTML 13Page - Analog Devices AD605-EB Datasheet HTML 14Page - Analog Devices AD605-EB Datasheet HTML 15Page - Analog Devices AD605-EB Datasheet HTML 16Page - Analog Devices AD605-EB Datasheet HTML 17Page - Analog Devices AD605-EB Datasheet HTML 18Page - Analog Devices AD605-EB Datasheet HTML 19Page - Analog Devices AD605-EB Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
AD605
Rev. D | Page 17 of 20
Figure 40 shows the gain vs. VGN for the circuit in Figure 39 at
1 MHz and the lowest gain range (−14 dB to +34.4 dB). Note
that the gain scaling is 40 dB/V, double the 20 dB/V of an
individual DSX; this is the result of the parallel connection of
the gain control inputs, VGN1 and VGN2. One could of course
also sequentially increase the gain by first increasing the gain of
Channel 1 and then Channel 2. In this case, VGN1 and VGN2
are driven from separate voltage sources, for instance two
separate DACs. Figure 41 shows the gain error of Figure 39.
80
–40
f = 1MHz
ACTUAL
0
70
20
–10
–20
–30
50
30
60
40
10
VGN (V)
THEORETICAL
0.1
0.5
0.9
1.3
1.7
2.1
2.5
2.9
Figure 40. Gain vs. VGN for the Circuit in Figure 39
VGN (V)
4
3
–4
0
–1
–2
–3
2
1
f = 1MHz
0.2
0.7
1.2
1.7
2.2
2.7
Figure 41. Gain Error vs. VGN for the Circuit in Figure 39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com