Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD620ACHIPS Datasheet(PDF) 12 Page - Analog Devices

Part # AD620ACHIPS
Description  Low Cost Low Power Instrumentation Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD620ACHIPS Datasheet(HTML) 12 Page - Analog Devices

Back Button AD620ACHIPS Datasheet HTML 8Page - Analog Devices AD620ACHIPS Datasheet HTML 9Page - Analog Devices AD620ACHIPS Datasheet HTML 10Page - Analog Devices AD620ACHIPS Datasheet HTML 11Page - Analog Devices AD620ACHIPS Datasheet HTML 12Page - Analog Devices AD620ACHIPS Datasheet HTML 13Page - Analog Devices AD620ACHIPS Datasheet HTML 14Page - Analog Devices AD620ACHIPS Datasheet HTML 15Page - Analog Devices AD620ACHIPS Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
AD620
Rev. G | Page 12 of 20
. ... .. .. . . . . .. .. .. .. ... . . ... .. .. . . . . . . . .
. ... .. .. . . . . .. .. .. .. ... . . ... .. .. . . . . . . . .
Figure 35. Gain Nonlinearity, G = 100, RL = 10 kΩ
(100 µV = 10 ppm)
. . . . .. .. . . . . . ... .. .. ... . . .. . . . . . ... . ... .
. . . . .. .. . . . . . ... .. .. ... . . .. . . . . . ... . ... .
Figure 36. Gain Nonlinearity, G = 1000, RL = 10 kΩ
(1 mV = 100 ppm)
AD620
VOUT
G= 1
G = 1000
49.9
Ω
10k
Ω *
1k
Ω
10T
10k
Ω
499
Ω
G=10
G= 100
5.49k
Ω
+VS
11k
Ω
1k
Ω
100
Ω
100k
Ω
INPUT
10V p-p
–VS
*ALL RESISTORS 1% TOLERANCE
7
1
2
3
8
6
4
5
Figure 37. Settling Time Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com