Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD602ARZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD602ARZ
Description  Dual, Low Noise, Wideband Variable Gain Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD602ARZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD602ARZ Datasheet HTML 9Page - Analog Devices AD602ARZ Datasheet HTML 10Page - Analog Devices AD602ARZ Datasheet HTML 11Page - Analog Devices AD602ARZ Datasheet HTML 12Page - Analog Devices AD602ARZ Datasheet HTML 13Page - Analog Devices AD602ARZ Datasheet HTML 14Page - Analog Devices AD602ARZ Datasheet HTML 15Page - Analog Devices AD602ARZ Datasheet HTML 16Page - Analog Devices AD602ARZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
AD600/AD602
Rev. E | Page 13 of 28
The gains are offset such that A2’s gain is increased only after
A1’s gain has reached its maximum value (see Figure 26). Note
that for a differential input of −700 mV or less, the gain of a
single amplifier (A1 or A2) is at its minimum value of −1.07 dB;
for a differential input of +700 mV or more, the gain is at its
maximum value of +41.07 dB. Control inputs beyond these
limits do not affect the gain and can be tolerated without damage or
foldover in the response. See the Specifications section for more
details on the allowable voltage range. The gain is now
Gain (dB) = 32 VC
(3)
where VC is the applied control voltage.
+41.07dB
+20dB
+1.07dB
–0.56dB
–1.07dB
+40.56dB
+38.93dB
8
0
9
.
1
2
9
5
.
0
GAIN
(dB)
*GAIN OFFSET OF 1.07dB, OR 33.44mV
A1
A2
*
*
2.5
80
1.875
60
1.25
40
0.625
20
0
0
–2.14
VC (V)
82.14
Figure 26. Explanation of Offset Calibration for Sequential Control
When VC is set to zero, VG1 = −0.592 V and the gain of A1 is
1.07 dB (recall that the gain of each amplifier section is 0 dB for
VG = 625 mV); meanwhile, VG2 = −1.908 V, so the gain of A2 is
−1.07 dB. The overall gain is thus 0 dB (see Figure 23). When
VC = 1.25 V, VG1 = 1.25 V – 0.592 V = 0.658 V, which sets the
gain of A1 to 40.56 dB, while VG2 = 1.25 V – 1.908 V = −0.658 V,
which sets A2’s gain at −0.56 dB. The overall gain is now 40 dB
(see Figure 24). When VC = 2.5 V, the gain of A1 is 41.07 dB and
the gain of A2 is 38.93 dB, resulting in an overall gain of 80 dB
(see Figure 25). This mode of operation is further clarified by
Figure 27, which is a plot of the separate gains of A1 and A2 and
the overall gain vs. the control voltage. Figure 28 is a plot of the
gain error of the cascaded amplifiers vs. the control voltage.
PARALLEL MODE (SIMPLEST GAIN-CONTROL
INTERFACE)
In this mode, the gain-control voltage is applied to both inputs
in parallel—C1HI and C2HI are connected to the control
voltage, and C1LO and C2LO are optionally connected to an
offset voltage of 0.625 V. The gain scaling is then doubled to
64dB/V, requiring only 1.25 V for an 80 dB change of gain. In
this case, the amplitude of the gain ripple is also doubled, as is
shown in Figure 29, and the instantaneous SNR at the output of
A2 decreases linearly as the gain is increased (see Figure 30).
LOW RIPPLE MODE (MINIMUM GAIN ERROR)
As can be seen in Figure 28 and Figure 29, the output ripple is
periodic. By offsetting the gains of A1 and A2 by half the
period of the ripple, or 3 dB, the residual gain errors of the two
amplifiers can be made to cancel. Figure 31 shows the much
lower gain ripple when configured in this manner. Figure 32
plots the SNR as a function of gain; it is very similar to that in
the parallel mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com