Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP418C Datasheet(PDF) 1 Page - TOKO, Inc

Part # DP418C
Description  Fixed Inductors for Surface Mounting
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

DP418C Datasheet(HTML) 1 Page - TOKO, Inc

  DP418C Datasheet HTML 1Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
(Unit: mm)
Fixed Inductors for Surface Mounting 面実装
づけ
用 固定インダクタ
(1) Inductance is measured with a LCR meter 4284A * or equvalent.
Test frequency at 100kHz
(2) DC Resistance is measured with a Digital Multimeter TR6871
(Advantest) or equivalent.
(3) Maximum allowable DC current is that which causes a 30%
inductance reduction from the initial value, coil temperature to rise
by 40
℃, whichever is smaller.
(Reference ambient temperature 20
℃)
* Agilent Technologies
(1) インダクタンスはLCRメータ4284A * または同等品により測定する。
測定周波数は100kHzです。
(2) 直流抵抗はデジタルマルチメータTR6871(Advantest)または同等品
により測定する。
(3) 最大許容電流は、直流重畳電流を流した時インダクタンスの値が初期
値より30%減少する直流電流値、または直流電流により、コイルの
温度が40℃上昇の何れか小さい値です。
(周囲温度20℃を基準とする。)
* Agilent Technologies
DP418C / DP420C
1.1
4.2 Max.
*
DIMENSIONS/外形寸法図
Recommended patterns
推奨パターン図
FEATURES/特長
• Lowprofile (4.0mm Max. square, 1.8 and 2.0mm Max. height).
• Magnetically shielded construction and low DC resistance.
• Ideal for a variety of DC-DC converter inductor applications.
(DVC, DSC, Cellular phone, PDA)
• RoHS compliant.
• 小型薄形構造(4.0mm角Max. 高さ1.8および2.0mm Max.)
• 閉磁路構造、低直流抵抗
• 各種機器のDC-DCコンバータ用インダクタに最適
(DVC, DSC, Cellular phone, PDA)
• RoHS指令対応
TYPE DP418C (With Ferrite Shield) 閉磁路タイプ (リングコア有り) (Quantity/reel; 2,000 PCS)
東光品番
インダクタンス(1)
許容差
直流抵抗(2)
直流重畳許容電流(3)
温度上昇許容電流(3)
TOKO
Part
Number
Inductance(1)
(µH)
Tolerance
(%)
DC
Resistance(2)
(mΩ) Max. (Typ.)
Inductance
Discrease Current(3)
(A) Max. (Typ.)
∆ L/L=30%
Temperature
Rise Current(3)
∆ T=40°C
(A) Max. (Typ.)
S1024AS-4R3M
4.3
± 20
57 (47)
1.05 (1.40)
2.00 (2.50)
S1024AS-100M
10.0
± 20
120 (100)
0.70 (0.92)
1.20 (1.50)
S1024AS-330M
33.0
± 20
435 (360)
0.39 (0.52)
0.62 (0.78)
TYPE DP420C (With Ferrite Shield) 閉磁路タイプ (リングコア有り) (Quantity/reel; 2,000 PCS)
東光品番
インダクタンス(1)
許容差
直流抵抗(2)
直流重畳許容電流(3)
温度上昇許容電流(3)
TOKO
Part
Number
Inductance(1)
(µH)
Tolerance
(%)
DC
Resistance(2)
(mΩ) Max. (Typ.)
Inductance
Discrease Current(3)
(A) Max. (Typ.)
∆ L/L=30%
Temperature
Rise Current(3)
∆ T=40°C
(A) Max. (Typ.)
S1023AS-100M
10.0
± 20
92 (76)
0.68 (0.91)
1.70 (2.11)
S1023AS-150M
15.0
± 20
150 (125)
0.54 (0.72)
1.20 (1.54)
S1023AS-470M
47.0
± 20
480 (400)
0.31 (0.41)
0.64 (0.80)
Inductance Range:
4.3~33µH (DP418C), 10~47µH (DP420C)
SELECTION GUIDE FOR STANDARD COILS
*DP418C: 1.8mm Max. height
DP420C: 2.0mm Max. height
(Unit: mm)


Similar Part No. - DP418C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DP41 ETC2-DP41 Datasheet
166Kb / 1P
Use recommendations for machines
logo
Omega Engineering, Inc.
DP41 OMEGA-DP41 Datasheet
728Kb / 5P
1⁄8 DIN High-Performance Meters Alarm/Control Capabilities Temperature, Process Voltage and Current, Strain Gage
DP41-B OMEGA-DP41-B Datasheet
494Kb / 2P
MiNIATURE INDUSTRIAL COMPRESSION LOAD CELL standard and metric models
DP41-E OMEGA-DP41-E Datasheet
2Mb / 8P
Sanitary Pressure Transducers and Transmitters Using Micro-Machined Silicon Technology 10 mV/V, 0 to 5 Vdc, 4 to 20 mA Outputs
logo
List of Unclassifed Man...
DP41-E ETC-DP41-E Datasheet
178Kb / 1P
Differential pressure transmitter with field-selectable ranges
More results

Similar Description - DP418C

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
D62LCB TOKO-D62LCB Datasheet
97Kb / 3P
Fixed Inductors for Surface Mounting
D62LCB TOKO-D62LCB_1 Datasheet
177Kb / 3P
Fixed Inductors for Surface Mounting
D73LF TOKO-D73LF_1 Datasheet
134Kb / 4P
Fixed Inductors for Surface Mounting
D78C TOKO-D78C Datasheet
91Kb / 1P
Fixed Inductors for Surface Mounting
D106C TOKO-D106C Datasheet
90Kb / 1P
Fixed Inductors for Surface Mounting
D3010FB TOKO-D3010FB Datasheet
145Kb / 1P
Fixed Inductors for Surface Mounting
DB320C TOKO-DB320C Datasheet
103Kb / 1P
Fixed Inductors for Surface Mounting
DS126C2 TOKO-DS126C2 Datasheet
152Kb / 1P
Fixed Inductors for Surface Mounting
E123L TOKO-E123L Datasheet
106Kb / 1P
Fixed Inductors for Surface Mounting
FDU1250 TOKO-FDU1250 Datasheet
107Kb / 1P
Fixed Inductors for Surface Mounting
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com