Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD629 Datasheet(PDF) 13 Page - Analog Devices

Part # AD629
Description  High Common-Mode Voltage, Difference Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD629 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD629 Datasheet HTML 8Page - Analog Devices AD629 Datasheet HTML 9Page - Analog Devices AD629 Datasheet HTML 10Page - Analog Devices AD629 Datasheet HTML 11Page - Analog Devices AD629 Datasheet HTML 12Page - Analog Devices AD629 Datasheet HTML 13Page - Analog Devices AD629 Datasheet HTML 14Page - Analog Devices AD629 Datasheet HTML 15Page - Analog Devices AD629 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AD629
Rev. B | Page 13 of 16
ERROR BUDGET ANALYSIS EXAMPLE 2
This application is similar to the previous example except
that the sensed load current is from an amplifier with an ac
common-mode component of ±100 V (frequency = 500 Hz)
present on the shunt (see Figure 39). All other conditions are
the same as before. Note that the same kind of power-line
interference can happen as detailed in Example 1. However,
the ac common-mode component of 200 V p-p coming from
the shunt is much larger than the interference of 1 V p-p;
therefore, this interference component can be neglected.
REF (–)
OUTPUT
CURRENT
60Hz
POWER LINE
1Ω
SHUNT
REF (+)
–VS
+VS
VOUT
NC
–IN
+IN
0.1µF
0.1µF
NC = NO CONNECT
21.1kΩ
380kΩ
380kΩ
20kΩ
380kΩ
AD629
1
2
3
4
8
7
6
5
10 AMPS
±100V AC CM
TO GROUND
Figure 39. Error Budget Analysis Example 2: VIN = 10 V Full-Scale,
VCM = ±100 V at 500 Hz, RSHUNT =1 Ω
Table 6. AD629 vs. INA117 AC Error Budget Example 2 (VCM = ±100 V @ 500 Hz)
Error, ppm of FS
Error Source
AD629
INA117
AD629
INA117
ACCURACY, TA = 25°C
Initial Gain Error
(0.0005 × 10)/10 V × 106
(0.0005 × 10)/10 V × 106
500
500
Offset Voltage
(0.001 V/10 V) × 106
(0.002 V/10 V) × 106
100
200
Total Accuracy Error
600
700
TEMPERATURE DRIFT (85°C)
Gain
10 ppm/°C × 60°C
10 ppm/°C × 60°C
600
600
Offset Voltage
(20 μV/°C × 60°C) × 106/10 V
(40 μV/°C × 60°C) × 106/10 V
120
240
Total Drift Error
720
840
RESOLUTION
Noise, Typical, 0.01 Hz to 10 Hz, μV p-p
15 μV/10 V × 106
25 μV/10 V × 106
2
3
CMR, 60 Hz
(141 × 10-6 × 1 V)/10 V × 106
(500 × 10-6 × 1 V)/10 V × 106
14
50
Nonlinearity
(10-5 × 10 V)/10 V × 106
(10-5 × 10 V)/10 V × 106
10
10
AC CMR @ 500 Hz
(141 × 10-6 × 200 V)/10 V × 106
(500 × 10-6 × 200 V)/10 V × 106
2820
10,000
Total Resolution Error
2846
10,063
Total Error
4166
11,603



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com